Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL6PG150N Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL6PG150N
Description  Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6PG150N Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL6PG150N Datasheet HTML 1Page - Panasonic Semiconductor ELL6PG150N Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
Type
ELL6GG
ELL6PG
t
1.8±0.3
2.2±0.3
Tape running direction
Quantity 1000 pcs./reel
0.4±0.1
t
2.0±0.1
4.0±0.1
12.0±0.1
R0.3
max.
R0.3
max.
6.4±0.1
1.5±0.1
A-A
,
Section
4 ° max.
A
A
,
f1.50
+0.1
–0
Standard Parts
Embossed Carrier Tape Dimensions in mm (not to scale)
Series
Part Number
Inductance
(100 kHz)
RDC
(at 20 °C)
Saturation
Rated Current
✽1
(mA max.)
Temperature
Rise Current
✽2
(mA max.)
Marking
(μH)
Tol.
(m
Ω)
Tol.
Series
6GG
ELL6GG1R0N
1.0
±30 %
27
±20 %
2500
2500
1R0
ELL6GG1R5N
1.5
36
2300
2250
1R5
ELL6GG2R2M
2.2
±20 %
45
1950
2000
2R2
ELL6GG2R7M
2.7
54
1850
1800
2R7
ELL6GG3R9M
3.9
60
1650
1700
3R9
ELL6GG4R7M
4.7
70
1400
1550
4R7
ELL6GG6R8M
6.8
110
1150
1300
6R8
ELL6GG100M
10.0
170
900
1000
100
ELL6GG150M
15.0
210
800
900
150
ELL6GG220M
22.0
300
620
850
220
ELL6GG330M
33.0
510
490
580
330
ELL6GG470M
47.0
610
400
480
470
ELL6GG680M
68.0
860
380
410
680
ELL6GG101M
100.0
1480
300
350
101
Series
6PG
ELL6PGR08N
0.8
±30 %
24
±20 %
3800
2800
R08
ELL6PG1R5N
1.5
30
2500
2500
1R5
ELL6PG2R2N
2.2
37
2200
2200
2R2
ELL6PG3R3N
3.3
44
1700
2000
3R3
ELL6PG3R9N
3.9
51
1600
1900
3R9
ELL6PG4R7N
4.7
58
1500
1750
4R7
ELL6PG5R6N
5.6
65
1450
1650
5R6
ELL6PG6R8N
6.8
70
1400
1600
6R8
ELL6PG100M
10.0
±20 %
110
1300
1300
100
ELL6PG120M
12.0
140
1100
1200
120
ELL6PG150M
15.0
150
1000
1100
150
ELL6PG220M
22.0
230
800
900
220
ELL6PG270M
27.0
260
730
800
270
ELL6PG330M
33.0
300
700
750
330
ELL6PG470M
47.0
470
550
600
470
ELL6PG560M
56.0
520
500
550
560
ELL6PG680M
68.0
700
420
500
680
ELL6PG820M
82.0
800
400
450
820
ELL6PG101M
100.0
1000
380
400
101
✽1 Saturation Rated Current : This DC current which causes a 30 % inductance reduction from its nominal value.
✽2 Temperature Rise Current : This indicates the value of current when temperature rise dt/t= 40 °C (at 20 °C).
Sep. 2012
01
67


Similar Part No. - ELL6PG150N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6PG150M PANASONIC-ELL6PG150M Datasheet
122Kb / 2P
   SMD Choke Coils
More results

Similar Description - ELL6PG150N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com