Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFR1C152LB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFR1C152LB
Description  Aluminum Electrolytic Capacitors/ FR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1C152LB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFR1C152LB Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1C152LB Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1C152LB Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1C152LB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(hours)
(mm)
(mm)
(mm)
(pcs)
(pcs)
25
47
5
11
280
0.300
2000
0.5
2.0
5.0
EEUFR1E470( )
200
2000
68
5
11
280
0.300
2000
0.5
2.0
5.0
EEUFR1E680( )
200
2000
100
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
EEUFR1E101( )
200
2000
150
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
EEUFR1E151( )
200
2000
330
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1E331( )
200
1000
390
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1E391L( )
200
1000
470
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1E471Y( )
200
1000
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E471L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1E471( )
200
500
560
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E561L( )
200
1000
680
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E681L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1E681( )
200
500
820
10
20
2180
0.020
10000
0.6
5.0
5.0
EEUFR1E821( )
200
500
1000
10
20
2180
0.020
10000
0.6
5.0
5.0
EEUFR1E102( )
200
500
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1E102L( )
200
500
1200
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1E122L( )
200
500
1500
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFR1E152( )
200
500
1800
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFR1E182( )
200
500
2200
12.5
30
3630
0.013
10000
0.8
5.0
EEUFR1E222L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR1E222S( )
100
250
2700
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1E272L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR1E272S( )
100
250
3300
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR1E332( )
100
250
35
33
5
11
280
0.300
2000
0.5
2.0
5.0
EEUFR1V330( )
200
2000
68
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
EEUFR1V680( )
200
2000
180
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1V181( )
200
1000
270
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1V271L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1V271( )
200
500
390
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1V391L( )
200
1000
470
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1V471L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1V471( )
200
500
560
10
20
2180
0.020
10000
0.6
5.0
5.0
EEUFR1V561( )
200
500
680
10
20
2180
0.020
10000
0.6
5.0
5.0
EEUFR1V681( )
200
500
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1V681L( )
200
500
820
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1V821L( )
200
500
1000
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFR1V102( )
200
500
1200
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFR1V122( )
200
500
1500
12.5
30
3630
0.013
10000
0.8
5.0
EEUFR1V152L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR1V152S( )
100
250
1800
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1V182L
100
2200
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1V222L
100
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR1V222( )
100
250
50
22
5
11.5
250
0.340
2000
0.5
2.0
5.0
EEUFR1H220( )
200
2000
56
6.3
11.2
405
0.140
2000
0.5
2.5
5.0
EEUFR1H560( )
200
2000
100
8
11.5
870
0.061
6000
0.6
3.5
5.0
EEUFR1H101( )
200
1000
120
8
15
1140
0.045
8000
0.6
3.5
5.0
EEUFR1H121L( )
200
1000
150
10
12.5
1170
0.042
6000
0.6
5.0
5.0
EEUFR1H151( )
200
500
180
8
20
1430
0.033
9000
0.6
3.5
5.0
EEUFR1H181L( )
200
1000
220
10
16
1650
0.030
8000
0.6
5.0
5.0
EEUFR1H221( )
200
500
270
10
20
1890
0.023
10000
0.6
5.0
5.0
EEUFR1H271( )
200
500
330
10
25
2150
0.022
10000
0.6
5.0
5.0
EEUFR1H331L( )
200
500
470
12.5
20
2260
0.022
10000
0.6
5.0
5.0
EEUFR1H471( )
200
500
560
12.5
25
2660
0.018
10000
0.6
5.0
5.0
EEUFR1H561( )
200
500
680
12.5
30
3160
0.016
10000
0.8
5.0
EEUFR1H681L
100
820
12.5
35
3270
0.014
10000
0.8
5.0
EEUFR1H821L
100
16
20
2870
0.019
10000
0.8
7.5
7.5
EEUFR1H821S( )
100
250
1000
16
25
3320
0.016
10000
0.8
7.5
7.5
EEUFR1H102( )
100
250
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Apr. 2010
01


Similar Part No. - EEUFR1C152LB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1C152L PANASONIC-EEUFR1C152L Datasheet
109Kb / 4P
   Radial Lead Type
EEUFR1C152L PANASONIC-EEUFR1C152L Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
EEUFR1C152L PANASONIC-EEUFR1C152L Datasheet
149Kb / 6P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1C152L PANASONIC-EEUFR1C152L Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1C152L PANASONIC-EEUFR1C152L Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1C152LB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FR1C101B PANASONIC-EEU-FR1C101B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com