Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFB3R3KF2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJFB3R3KF2
Description  Fixed Inductors (Chip Inductors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFB3R3KF2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJFB3R3KF2 Datasheet HTML 1Page - Panasonic Semiconductor ELJFB3R3KF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJFB3R3KF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJFB3R3KF2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6±0.2
3.2±0.3
Marking
4.0 to 4.6
1.6 to 2.0
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJFAR22
□F2
0.22
M : ±20 %
or
K : ±10 %
25.2
25
25.2
230
0.29
360
ELJFAR27
□F2
0.27
210
0.32
345
ELJFAR33
□F2
0.33
190
0.35
330
ELJFAR39
□F2
0.39
175
0.39
305
ELJFAR47
□F2
0.47
160
0.44
290
ELJFAR56
□F2
0.56
150
0.49
275
ELJFAR68
□F2
0.68
135
0.55
260
ELJFAR82
□F2
0.82
125
0.61
245
ELJFA1R0
□F2
1.0
K : ±10 %
or
J : ± 5 %
7.96
30
7.96
115
0.69
230
ELJFA1R2
□F2
1.2
100
0.75
215
ELJFA1R5
□F
1.5
90
0.75
210
ELJFA1R8
□F
1.8
85
0.82
200
ELJFA2R2
□F
2.2
80
0.95
190
ELJFA2R7
□F
2.7
75
1.1
180
ELJFA3R3
□F
3.3
65
1.2
180
ELJFA3R9
□F
3.9
60
1.3
175
ELJFA4R7
□F
4.7
55
1.5
165
ELJFA5R6
□F
5.6
50
1.6
160
ELJFA6R8
□F
6.8
45
1.8
150
ELJFA8R2
□F
8.2
40
2.0
140
ELJFA100
□F10
2.52
2.52
36
2.1
140
ELJFA120
□F
12
33
2.5
125
ELJFA150
□F
15
30
2.8
120
ELJFA180
□F
18
27
3.3
110
ELJFA220
□F
22
25
3.7
105
ELJFA270
□F
27
22
5.0
90
ELJFA330
□F
33
20
5.6
85
ELJFA390
□F
39
20
6.4
80
ELJFA470
□F
47
15
7.0
75
ELJFA560
□F
56
15
8.0
70
ELJFA680
□F
68
15
9.0
65
ELJFA820
□F
82
10
10.0
60
ELJFA101
□F
100
0.796
20
0.796
10
10.0
60
ELJFA121
□F
120
10
11.0
55
ELJFA151
□F
150
8
15.0
50
ELJFA181
□F
180
7
17.0
50
ELJFA221
□F
220
7
21.0
45
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
FA Type 3225 (1210)
Standard Packing Quantity
● 2000 pcs./Reel
Standard Parts
□ : Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Sep. 2012
01
18


Similar Part No. - ELJFB3R3KF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFB3R3KF2 PANASONIC-ELJFB3R3KF2 Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFB3R3KF2 PANASONIC-ELJFB3R3KF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFB3R3KF2 PANASONIC-ELJFB3R3KF2 Datasheet
80Kb / 4P
   3. General use FC, FA, FB
More results

Similar Description - ELJFB3R3KF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com