Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C020-55PI5 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM27C020-55PI5
Description  2 Megabit (256 K x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C020-55PI5 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM27C020-55PI5 Datasheet HTML 1Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 2Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 3Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 4Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 5Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 6Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 7Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 8Page - Advanced Micro Devices AM27C020-55PI5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Am27C020
ORDERING INFORMATION
OTP EPROM Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am27C020
2 Megabit (256 K x 8-Bit) CMOS OTP EPROM
AM27C020
-55
J
C
OPTIONAL PROCESSING
Blank = Standard Processing
VOLTAGE TOLERANCE
5= VCC ± 5%, 55 ns only
See Product Selector Guide and Valid Combinations
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I= Industrial (–40
°C to +85°C)
PACKAGE TYPE
P
= 32-Pin Plastic DIP (PD 032)
J
= 32-Pin Plastic Leaded Chip Carrier (PL 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
5
Valid Combinations
AM27C020-55
VCC = 5.0 V ± 5%
PC5, PI5, JC5, JI5
AM27C020-55
VCC = 5.0 V ± 10%
JC, PC, JI, PI
AM27C020-75
AM27C020-90
AM27C020-120
AM27C020-150
AM27C020-200
AM27C020-255
VCC = 5.0 V ± 5%


Similar Part No. - AM27C020-55PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120 AMD-AM27C010-120 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010-120DC ROCHESTER-AM27C010-120DC Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120DC5 AMD-AM27C010-120DC5 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

Similar Description - AM27C020-55PI5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com