Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN23112 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AMN23112
Description  High-sensitive human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN23112 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AMN23112 Datasheet HTML 1Page - Panasonic Semiconductor AMN23112 Datasheet HTML 2Page - Panasonic Semiconductor AMN23112 Datasheet HTML 3Page - Panasonic Semiconductor AMN23112 Datasheet HTML 4Page - Panasonic Semiconductor AMN23112 Datasheet HTML 5Page - Panasonic Semiconductor AMN23112 Datasheet HTML 6Page - Panasonic Semiconductor AMN23112 Datasheet HTML 7Page - Panasonic Semiconductor AMN23112 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PIR Motion Sensor (EKMB, EKMC, AMN2, 3)
ASCTB240E 201208-T
2) NaPiOn series
a) Digital output
Note: The current which is consumed during detection consists of the standby consumed current plus the output current.
b) Analog output
Note: To set the same detection performance as the digital output type, set the output voltage (2.5V)
±0.45V.
3. Detection performance
1) WL series VZ series
2) NaPiOn series
Items
Symbol
Specified value
Measuring conditions
Rated consumption current
(Stand by) Note)
Iw
170
µA ave.
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Iout = 0
Rated operating voltage
Vdd
3.0VDC min.
6.0VDC max.
Output current (When detecting)
Iout
100uA
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Vout
Vdd-0.5V
Output voltage (When detecting)
Vout
Vdd-0.5V
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Open when not detecting
Circuit stability time
Twu
30s max.
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Items
Symbol
Specified value
Measuring conditions
Consumption current
Iw
170
µA ave.
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Iout = 0
Operating voltage
Vdd
4.5VDC min.
5.5VDC max.
Output current
Iout
50
µA
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Output voltage range
Vout
0V min.
VDD max.
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Output offset average voltage
Voff
2.3V min.
2.5V ave.
2.7V max.
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Steady-state output voltage when not detecting
Steady-state noise
Vn
155mVpp ave.
300mVpp max.
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Detection sensitivity
Vh or Vl
0.45V
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Temperature difference with background: 4
°C 39.2°F
Circuit stability time
Twu
45s
Ambient temperature = 25
°C 77°F
Operating voltage = 5V
Items
Standard type
Long distance detection type
Measuring conditions
Detection distance
5m 16.404ft
12m 39.3696ft
1. Detectable difference in temperature between the target
and background is more than 4
°C 7.2°F.
2. Movement speed 1.0m/s
3. Detection object: human body
(size is 700mm
× 250mm 27.559inch × 9.843inch)
Detection range
(Horizontal
× Vertical)
94
° × 82°
102
° × 92°
Detection zone
64 zones
92 zones
Items
Standard type
Slight motion
detection type
Spot detection
type
10m detection
type
Measuring conditions
Detection distance
5m 16.404ft
2m 6.562ft
5m 16.404ft
10m 32.808ft
1. Detectable difference in temperature between the target
and background is more than 4
°C 7.2°F.
2. Movement speed
1) Digital output type
Standard type/Spot type/10m detection type:
0.8 to 1.2m/s
Slight motion detection type: 0.5m/s
2) Analog output type
Standard type/Spot type/10m detection type:
0.5 to 1.5m/s
Slight motion detection type: 0.3 to 1.0m/s
3. Detection object: human body
(size is 700mm
× 250mm 27.559inch × 9.843inch)
(for the slight motion detection type, 200mm
× 200mm
7.874inch
× 7.874inch)
Detection range
(Horizontal
× Vertical)
100
° × 82°
91
° × 91°
38
° × 22°
110
° × 93°
Detection zone
64 zones
104 zones
24 zones
80 zones


Similar Part No. - AMN23112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN23112 PANASONIC-AMN23112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN23112 PANASONIC-AMN23112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Nais(Matsushita Electri...
AMN23112 NAIS-AMN23112 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results

Similar Description - AMN23112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com