Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1612B-079-SC-25 Datasheet(PDF) 4 Page - Emcore Corporation

Part # 1612B-079-SC-25
Description  1612A/B 1310 nm DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612B-079-SC-25 Datasheet(HTML) 4 Page - Emcore Corporation

  1612B-079-SC-25 Datasheet HTML 1Page - Emcore Corporation 1612B-079-SC-25 Datasheet HTML 2Page - Emcore Corporation 1612B-079-SC-25 Datasheet HTML 3Page - Emcore Corporation 1612B-079-SC-25 Datasheet HTML 4Page - Emcore Corporation 1612B-079-SC-25 Datasheet HTML 5Page - Emcore Corporation 1612B-079-SC-25 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET | MARCH 2013
FIBER OPTICS
| REV 2013.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical Schematics
Pin Definitions
Pin
Description
1
Thermistor
2
Thermistor
3
Dc Laser Bias (-)
4
MPD Anode (-)
5
MPD Cathode (+)
6
Thermal Electric Cooler (+)
7
Thermal Electric Cooler (-)
8
Case Ground
9
Case Ground
10
NC
11
Laser Common (+)
12
Laser Modulation (-)
13
Laser Common (+)
TEC
ISOLATOR
10K
12nH
100
LD
MPD
ESD
(-)
(+)
(-)
(+)
(+)
3.3V
0.01uF
RF CHOKE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC
CASE
GND
22
(-)
(+)
Figure 1. 1612A/B Laser Schematic
Figure 2. 1612A/B Circuit Schematic
1612A/B 1310 nm DFB Laser Module


Similar Part No. - 1612B-079-SC-25

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612B-079-SC-25 EMCORE-1612B-079-SC-25 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1612B-079-SC-25 EMCORE-1612B-079-SC-25 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
More results

Similar Description - 1612B-079-SC-25

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com