Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-FL11 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3T-FL11
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FL11 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3T-FL11 Datasheet HTML 1Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 2Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 3Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 4Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 5Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 6Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 7Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 8Page - Omron Electronics LLC E3T-FL11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
E3T
3
Variety of Connection Specifications
The models with the connection specifications marked with a black circle in the table are available. These are applicable only to M2-mounting
Sensors. The model number indication is a combination of the basic model and the connection specification.
NPN Output
*The sensing distance depends on the Reflector that is used. The sensing distance is 200 mm if an E39-R4 is used and 100 mm if an E39-R37-CA is used.
PNP Output
*The sensing distance depends on the Reflector that is used. The sensing distance is 200 mm if an E39-R4 is used and 100 mm if an E39-R37-CA is used.
Model
Model num-
ber example
E3T-ST11-M1TJ 0.3M
E3T-ST11 5M
E3T-ST11R 2M
E3T-ST11-ECON 0.3M
E3T-ST11-ECON 2M
Sensing
method
Sensing
distance
Operation
mode
Connection
specification
M12 pre-wired Smartclick Con-
nector (cable length: 0.3 m)
Pre-wired
(cable length: 5 m)
Pre-wired robot
(cable length: 2 m)
e-CON pre-wired connector
(cable length: 0.3 m)
e-CON pre-wired connector
(cable length: 2 m)
Basic model
number
-M1TJ 0.3M
5M
R 2M
-ECON 0.3M
-ECON 2M
Through-
beam
(side-view)
2 m
Light-ON
E3T-ST31
●●
Dark-ON
E3T-ST32
●●
1 m
Light-ON
E3T-ST11
●●
Dark-ON
E3T-ST12
●●
300 mm
Light-ON
E3T-ST21
●●
---
●●
Dark-ON
E3T-ST22
●●
---
●●
Through-
beam
(flat)
500 mm
Light-ON
E3T-FT11
●●
Dark-ON
E3T-FT12
●●
300 mm
Light-ON
E3T-FT21
---
---
●●
Dark-ON
E3T-FT22
---
---
●●
Retro-
reflective
200 mm
(100 mm)*
Light-ON
E3T-SR41
●●
Dark-ON
E3T-SR42
●●
Diffuse-
reflective
5 to 30 mm
Light-ON
E3T-FD11
●●
Dark-ON
E3T-FD12
●●
Convergent-
reflective
5 to 15 mm
Light-ON
E3T-SL11
●●
Dark-ON
E3T-SL12
●●
5 to 30 mm
Light-ON
E3T-SL21
●●
Dark-ON
E3T-SL22
●●
BGS-
reflective
1 to 15 mm
Light-ON
E3T-FL11
---
---
---
Dark-ON
E3T-FL12
---
---
---
1 to 30 mm
Light-ON
E3T-FL21
---
●●
---
Dark-ON
E3T-FL22
---
---
---
Example:
E3T-ST11-M1TJ 0.3M
Connection specification
Basic model number
Model
Model num-
ber example
E3T-ST13-M1TJ 0.3M
E3T-ST13 5M
E3T-ST13R 2M
Sensing
method
Sensing
distance
Operation
mode
Connection
specification
M12 pre-wired Smartclick
Connector (cable length:
0.3 m)
Pre-wired
(cable length: 5 m)
Pre-wired robot
(cable length: 2 m)
Basic model
number
-M1TJ 0.3M
5M
R 2M
Through-
beam
(side-view)
2 m
Light-ON
E3T-ST33
●●
Dark-ON
E3T-ST34
●●
1 m
Light-ON
E3T-ST13
●●
Dark-ON
E3T-ST14
●●
300 mm
Light-ON
E3T-ST23
---
---
Dark-ON
E3T-ST24
---
---
Through-
beam
(flat)
500 mm
Light-ON
E3T-FT13
●●
Dark-ON
E3T-FT14
●●
300 mm
Light-ON
E3T-FT23
---
---
Dark-ON
E3T-FT24
●●
---
Retro-
reflective
200 mm
(100 mm)*
Light-ON
E3T-SR43
●●
Dark-ON
E3T-SR44
●●
Diffuse-
reflective
5 to 30 mm
Light-ON
E3T-FD13
●●
Dark-ON
E3T-FD14
●●
Convergent-
reflective
5 to 15 mm
Light-ON
E3T-SL13
●●
Dark-ON
E3T-SL14
●●
5 to 30 mm
Light-ON
E3T-SL23
●●
Dark-ON
E3T-SL24
●●
BGS-
reflective
1 to 15 mm
Light-ON
E3T-FL13
---
Dark-ON
E3T-FL14
---
1 to 30 mm
Light-ON
E3T-FL23
---
Dark-ON
E3T-FL24
---


Similar Part No. - E3T-FL11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FL11 OMRON-E3T-FL11 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FL112M OMRON-E3T-FL112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FL112M OMRON-E3T-FL112M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-FL11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com