Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN24111 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AMN24111
Description  High-sensitive human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN24111 Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AMN24111 Datasheet HTML 1Page - Panasonic Semiconductor AMN24111 Datasheet HTML 2Page - Panasonic Semiconductor AMN24111 Datasheet HTML 3Page - Panasonic Semiconductor AMN24111 Datasheet HTML 4Page - Panasonic Semiconductor AMN24111 Datasheet HTML 5Page - Panasonic Semiconductor AMN24111 Datasheet HTML 6Page - Panasonic Semiconductor AMN24111 Datasheet HTML 7Page - Panasonic Semiconductor AMN24111 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PIR Motion Sensor (EKMB, EKMC, AMN2, 3)
ASCTB240E 201208-T
2. Wiring diagram
3. Timer circuit example
4. Timing chart
1) Digital output
2) Analog output
Vdd
GND
G
S
D
Out
Iout: Max.100
µA
+
+
Sensor
Load
Vdd: Input power source (DC)
GND: GND
Out:
Output (Comparator)
Vdd
GND
Out
Sensor
Microcomputer,
A/D converter
etc.
OP
AMP
1) Digital output
2) Analog output
+
GND
The transistor
turns on when
the sensor
detects
something
Select a transistor
to match the relay
Timer IC
Timer time = RXC
Connection
to motion
sensor
Relay
Input voltage
Vdd
10
µ ++
10
µ
0.1
µ
0.1
µ
0.1
µ
0.1
µ
0.1
µ
Out
GND
10k
3
8
2
9
10
11
13
16
1
15
14
47k
47
µ
(5VDC)
C
R
5V
REG
74HC
123 etc.
++
Input voltage
GND
Vdd
10
µ
0.1
µ
Out
Connection
to motion
sensor
GND
0.1
µ
0.1
µ
Relay
47
µ
(5VDC)
5V
REG
Timer IC
Window
comparator
Select a
transistor
to match
the relay
The transistor
turns on when
the sensor
detects
something
Timer time = RXC
+
10
µ
0.1
µ
0.1
µ
10k
3
8
2
9
10
11
13
16
1
15
14
47k
C
R
74HC
123 etc.
Note: This is the reference circuit which drives the PIR motion sensor. Install a noise filter for applications requiring enhanced detection reliability and noise withstanding
capability.
Differences in the specifications of electronic components to which the units are connected sometimes affect their correct operation; please check the units’
performance and reliability for each application.
Panasonic Corporation, Ltd. accepts no responsibility for damages resulting from the use of this circuit.
1) Digital output
Note: Circuit stability time: 30s max.
While the circuitry is stabilizing after the power is turned on, the sensor output
is not fixed in the “on” state or “off” state. This is true regardless of whether or
not the sensor has detected anything.
ON
OFF
Power supply
Detection state
ON
OFF
Detect
Not
detect
Sensor output
Circuit stability time
2) Analog output
Note: Circuit stability time: 45s max.
While the circuitry is stabilizing after the power is turned on, the sensor output
is not fixed in the “on” state or “off” state. This is true regardless of whether or
not the sensor has detected anything.
Vdd
GND
(Comparator
decision output)
Vdd
Voff
Vh
Vn
Vl
GND
2.5V
Circuit stability time
Body
movement
Threshold voltage 1
(comparator)
Threshold voltage 2
(comparator)
Power supply
Detection state
Detect
Not
detect
Output waveform
V out


Similar Part No. - AMN24111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24111 PANASONIC-AMN24111 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN24111 PANASONIC-AMN24111 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Nais(Matsushita Electri...
AMN24111 NAIS-AMN24111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results

Similar Description - AMN24111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com