Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751-32-BB-SC-10 Datasheet(PDF) 4 Page - Emcore Corporation

Part # 1751-32-BB-SC-10
Description  1751A 1550 nm DWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1751-32-BB-SC-10 Datasheet(HTML) 4 Page - Emcore Corporation

  1751-32-BB-SC-10 Datasheet HTML 1Page - Emcore Corporation 1751-32-BB-SC-10 Datasheet HTML 2Page - Emcore Corporation 1751-32-BB-SC-10 Datasheet HTML 3Page - Emcore Corporation 1751-32-BB-SC-10 Datasheet HTML 4Page - Emcore Corporation 1751-32-BB-SC-10 Datasheet HTML 5Page - Emcore Corporation 1751-32-BB-SC-10 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET | JUNE 2012
FIBER OPTICS
| REV 2012.06
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Diagrams (Dimensions are in inches and millimeters)
Pin Definitions
Pin
Description
1
Thermistor
2
Thermistor
3
Dc Laser Bias (-)
4
MPD Anode (-)
5
MPD Cathode (+)
6
Thermal Electric Cooler (+)
7
Thermal Electric Cooler (-)
8
Case Ground
9
Case Ground
10
NC
11
Laser Common (+), Case GND
12
Laser Modulation (-)
13
Laser Common (+), Case GND
14
NC
1751A 1550 nm DWDM DFB Laser Module


Similar Part No. - 1751-32-BB-SC-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1751-Z RENESAS-1751-Z Datasheet
545Kb / 11P
   MOS FIELD EFFECT POWER TRANSISTORS
1993
More results

Similar Description - 1751-32-BB-SC-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com