Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1C122 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECHU1C122
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C122 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECHU1C122 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 9Page - Panasonic Semiconductor ECHU1C122 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1
10
100
10
100
1000
From 100pF to 2700pF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
100
1000
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
0.01uF
0.012uF
0.015uF
0.018uF
0.022uF
0.027uF
0.033uF
0.039uF
0.00
0.02
0.04
0.06
0.08
0.10
0.12
10
100
1000
2700pF
2200pF
1800pF
1500pF
1200pF
1000pF
820pF
680pF
560pF
∼100pF
0.0
0.5
1.0
1.5
2.0
10
100
0.047uF
0.056uF
0.068uF
0.082uF
0.1uF
0.12uF
0.15uF
0.18uF
0.22uF
(Stacked Metallized Film)
Permissible Current
Permissible Current
Applicable Specifications
Frequency(kHz)
Frequency(kHz)
ECHU (X) Type
DC50V series
*Please consult Panasonic if your condition exceeds the above
*The current(0-P) vlue is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Permissible Voltage
Permissible Current
(at sine wave)
Frequency(kHz)
Frequency(kHz)


Similar Part No. - ECHU1C122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C122 PANASONIC-ECHU1C122 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C122 PANASONIC-ECHU1C122 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C122 PANASONIC-ECHU1C122 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C122 PANASONIC-ECHU1C122 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C122 PANASONIC-ECHU1C122 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com