Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1CHG331 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECA1CHG331
Description  Aluminum Electrolytic Capacitors/NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1CHG331 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECA1CHG331 Datasheet HTML 1Page - Panasonic Semiconductor ECA1CHG331 Datasheet HTML 2Page - Panasonic Semiconductor ECA1CHG331 Datasheet HTML 3Page - Panasonic Semiconductor ECA1CHG331 Datasheet HTML 4Page - Panasonic Semiconductor ECA1CHG331 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminum Electrolytic Capacitors/NHG
 EE94 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
350
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm.
i=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
(hours)
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(V)
n
Lead Space
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Leads
Ripple
current
(120Hz)
(+105
°C)
Taping
∗B
Min.Packaging Q'ty
Straight
Standard Products
Taping
∗i
Part No.
22
12.5
20
130
0.20 2000
0.6
5.0
5.0
ECA2VHG220( )
200
500
33
16
25
195
0.20 2000
0.8
7.5
7.5
ECA2VHG330( )
100
250
47
16
25
230
0.20 2000
0.8
7.5
7.5
ECA2VHG470( )
100
250
100
18
31.5
375
0.20 2000
0.8
7.5
ECA2VHG101
50
1
6.3
11.2
18
0.24 2000
0.5
2.5
5.0
2.5
ECA2GHG010( )
200
2000
2.2
8
11.5
30
0.24 2000
0.6
3.5
5.0
ECA2GHG2R2( )
200
1000
3.3
10
12.5
40
0.24 2000
0.6
5.0
5.0
ECA2GHG3R3( )
200
500
400
4.7
10
16
50
0.24 2000
0.6
5.0
5.0
ECA2GHG4R7( )
200
500
10
10
20
80
0.24 2000
0.6
5.0
5.0
ECA2GHG100( )
200
500
22
12.5
25
145
0.24 2000
0.6
5.0
5.0
ECA2GHG220( )
200
500
33
16
25
195
0.24 2000
0.8
7.5
7.5
ECA2GHG330( )
100
250
47
16
31.5
250
0.24 2000
0.8
7.5
ECA2GHG470
100
1
8
11.5
18
0.24 2000
0.6
3.5
5.0
ECA2WHG010( )
200
1000
2.2
10
12.5
29
0.24 2000
0.6
5.0
5.0
ECA2WHG2R2( )
200
500
3.3
10
16
41
0.24 2000
0.6
5.0
5.0
ECA2WHG3R3( )
200
500
4.7
10
20
49
0.24 2000
0.6
5.0
5.0
ECA2WHG4R7( )
200
500
10
12.5
20
75
0.24 2000
0.6
5.0
5.0
ECA2WHG100( )
200
500
22
16
25
115
0.24 2000
0.8
7.5
7.5
ECA2WHG220( )
100
250
33
16
31.5
155
0.24 2000
0.8
7.5
ECA2WHG330
100
tan
δ
(120Hz)
(+20
°C)
Endu-
rance
450
Mar. 2005


Similar Part No. - ECA1CHG331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1CHG331 PANASONIC-ECA1CHG331 Datasheet
317Kb / 5P
   Radial Lead Type
ECA1CHG331 PANASONIC-ECA1CHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1CHG331 PANASONIC-ECA1CHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1CHG331 PANASONIC-ECA1CHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1CHG331 PANASONIC-ECA1CHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
More results

Similar Description - ECA1CHG331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
ECA-2AHG471B PANASONIC-ECA-2AHG471B Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com