Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1C182 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECHU1C182
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C182 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECHU1C182 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1C182 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(Stacked Metallized Film)
3.3nF
10nF
27nF
-10
-5
0
5
10
-60 -40 -20 0
20 40 60 80 100 120 140
3.3nF
10nF
27nF
0
2
4
6
8
10
-60 -40 -20 0
20 40 60 80 100 120 140
Temperature Characteristics
Frequency Characteristics
Electrical Characteristics <Typical Data >
10nF
3.3nF
27nF
10nF
27nF
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
-60 -40 -20 0 20 40 60 80 100 120 140
3.3nF
10nF
27nF
-10
-5
0
5
10
1
10
100
1000
10000
3.3nF
10nF
27nF
0
2
4
6
8
10
1
10
100
1000
10000
3.3nF
10nF
27nF
0.1
1
10
100
1000
10000
100000
1
10
100
1000
10000
at 1kHz
at 1kHz
at DC10V
Frequency(kHz)
Temperature(Degree C)
Frequency(kHz)
Temperature(Degree C)
ECHU (X) Type
DC10V series
Frequency(kHz)
Temperature(Degree C)


Similar Part No. - ECHU1C182

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C182 PANASONIC-ECHU1C182 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C182 PANASONIC-ECHU1C182 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C182 PANASONIC-ECHU1C182 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C182 PANASONIC-ECHU1C182 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C182 PANASONIC-ECHU1C182 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C182

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com