Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2806T-SCSP Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2806T-SCSP
Description  2806 77 Channel CATV Limited Distance Solution (LDS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2806T-SCSP Datasheet(HTML) 2 Page - Emcore Corporation

  2806T-SCSP Datasheet HTML 1Page - Emcore Corporation 2806T-SCSP Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | JULY 2013
FIBER OPTICS
| REV 2013.07
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF & Optical Characteristics
Parameter
Min
Typ
Max
Units
Channel Loading
-
-
77
ch
Operating Wavelength
1290
1310
1330
nm
Optical Output Power
-
+4.5
-
dBm
Bandwidth
40
-
870
MHz
Input/Output RF Impedance
-
75
-
Ohms
Side Mode Suppression Ratio
30
40
-
dB
Backreflection Tolerance
-
-
-50
dB
Required Fiber Bandwidth
2,000
-
-
MHz
Composite Second Order (CSO)
-
-57
-
dBc
Composite Triple Beat (CTB)
-
-65
-
dBc
Carrier-to-Noise Ratio
See Graph
dB
System performance specifications indicated for use with 9/125 µm singlemode fiber.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Power Supply Voltage
-
120
240
VAC
Power Supply Frequency
50
60
-
Hz
Power Supply Current
-
75
-
mA
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight
-
1.0
0.45
-
lb
kg
Dimensions
-
8.45 x 2.95 x 1.12
215 x 75 x 29
-
in
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
-
+45
OC
Storage Temperature Range
-20
-
+70
OC
Relative Humidity
0
-
90
%
2806 77 Channel CATV
Limited Distance Solution (LDS)
Carrier-to-Noise Performance


Similar Part No. - 2806T-SCSP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2806T-SCSP EMCORE-2806T-SCSP Datasheet
325Kb / 2P
   77 Channel CATV Limited Distance Solution (LDS)
More results

Similar Description - 2806T-SCSP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2806 EMCORE-2806 Datasheet
325Kb / 2P
   77 Channel CATV Limited Distance Solution (LDS)
2806 EMCORE-2806_16 Datasheet
569Kb / 2P
   Limited Distance Solution (LDS)
2809 EMCORE-2809 Datasheet
321Kb / 2P
   77 Channel LDS CATV Optical Receiver
2809R-SFSP EMCORE-2809R-SFSP_13 Datasheet
221Kb / 2P
   2809 77 Channel LDS CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
   Channel LDS CATV Optical Receiver
logo
Motorola, Inc
MHW6342 MOTOROLA-MHW6342 Datasheet
60Kb / 2P
   77-Channel(550 MHz) CATV Amplifier
MHW6272 MOTOROLA-MHW6272 Datasheet
60Kb / 2P
   77-Channel(550 MHz) CATV Line Extender Amplifier
MHW6172 MOTOROLA-MHW6172 Datasheet
61Kb / 2P
   77-Channel(550 MHz) CATV Input/Output Trunk Amplifier
logo
Emcore Corporation
2805 EMCORE-2805 Datasheet
361Kb / 2P
   110 Channel CATV Private Network Solution (PNS)
2805TD-SCSP EMCORE-2805TD-SCSP_13 Datasheet
190Kb / 2P
   2805 110 Channel CATV Private Network Solution (PNS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com