Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERD52FJ103T Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERD52FJ103T
Description  Carbon Film Re sis tors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERD52FJ103T Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERD52FJ103T Datasheet HTML 1Page - Panasonic Semiconductor ERD52FJ103T Datasheet HTML 2Page - Panasonic Semiconductor ERD52FJ103T Datasheet HTML 3Page - Panasonic Semiconductor ERD52FJ103T Datasheet HTML 4Page - Panasonic Semiconductor ERD52FJ103T Datasheet HTML 5Page - Panasonic Semiconductor ERD52FJ103T Datasheet HTML 6Page - Panasonic Semiconductor ERD52FJ103T Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Carbon Film Resistors
–40 –20
0
20 40 60 80 100 120 140 160 180
Ambient Temperature (
°C)
0
20
40
60
80
100
120
–60
70
°C
–55
°C
155
°C
(1) Rated Voltage= Power Rating Resistance Value or Limiting Element Voltage (max. RCWV), whichever is less.
(RCWV: Rated Continuous working Voltage).
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 Power Rating or max. Overload Voltage listed above whichever less.
(3) Intermittent Overload Test Voltage (IOTV) shall be determined from IOTV=4 Power Rating (IOTV=3 Power Rating for ERDS2 type) or max. Intermittent Overload Voltage
listed above whichever less.
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Characteristics
Specifications
Test Methods
T.C.R.
Resistance Value range
Temperature
coefficient
10
–6 /°C (ppm/°C)
ERDS2
ERDS1, 25
4.3
or less
4.3
or less
±350
4.7
to 62 k
4.7
to 51 k
–150 to –350
68 k
to 200 k
56 k
to 430 k
–150 to –500
220 k
to 510 k
470 k
to 910 k
–150 to –700
560 k
or over
1 M
or over
–150 to –1000
Resistance value at
room temperature
and room tempera-
ture +100 °C
Type
Power
Rating
at 70 °C
(W)
Limiting
Element
Voltage
(Maximum
RCWV)
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Maximum
Intermittent
Overload
Voltage
(3)
(V)
Dielectric
Withstanding
Voltage
(VAC)
Standard
Resistance
Value
Resistance
Tolerance
(%)
Resistance
Range
( )
min.
max.
ERDS1T
0.5
300
600
750
500
E24
±5(J)
1
3.3 M
ERDS1F
(Flame Retardant)
350
1 M
ERDS2T
0.25
250
500
750
300
E24
±5(J)
1
2.2 M
ERDS2F
(Flame Retardant)
200
1 M
ERDS2T0
Jumper
Rated Current : 2 A,
Resistance : < 50 m
ERD25T
0.25
300
600
750
500
E24
±5(J)
1
3.3 M
ERD25F
(Flame Retardant)
350
1 M
ERD25T0
Jumper
Rated Current : 2 A,
Resistance : < 50 m
Performance Specifications
Ratings
Feb. 2006
 Discontinued


Similar Part No. - ERD52FJ103T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ERD5.1F MCC-ERD5.1F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD5.6F MCC-ERD5.6F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD51F MCC-ERD51F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD56F MCC-ERD56F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results

Similar Description - ERD52FJ103T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-1SJ3R3 PANASONIC-ERX-1SJ3R3 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com