Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA14KB102U Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERA14KB102U
Description  Metal Film Chip Resistors, Rectangular Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA14KB102U Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERA14KB102U Datasheet HTML 1Page - Panasonic Semiconductor ERA14KB102U Datasheet HTML 2Page - Panasonic Semiconductor ERA14KB102U Datasheet HTML 3Page - Panasonic Semiconductor ERA14KB102U Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Film Chip Resistors, Rectangular Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
125
°C
70
°C
–55
°C
Ambient Temperature (
°C)
20
40
60
80
100
P1
P2
P0
T
A
Tape running direction
Chip component
Sprocket hole
Compartment
φD0
φC
φA
W
T
Type
(inches)
Power Rating
at 70 °C (W)
Limiting Element
Voltage (Maximum
RCWV)
(1) (V)
Maximum Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(3)
( )
T.C.R.
[ 10
–6/°C
(ppm/°C)]
Category Temperature
Range (Operating
Temperature Range)
(°C)
ERA3Y
(0603)
0.063
75
150
±0.5
10 to
91 (E24)
± 50
–55 to +125
100 to
33 k (E24)
± 25
36 k to 330 k (E24)
±100
±0.1
100 to
33 k (E24)
± 25
ERA6Y
(0805)
0.1
100
200
±0.5
10 to
91 (E24)
± 50
100 to 100 k (E24)
± 25
110 k to
1 M (E24)
±100
±0.1
100 to 100 k (E24)
± 25
ERA14
(1210)
0.25
150
300
±0.5
10 to
91 (E24)
± 50
100 to 200 k (E24)
± 25
±0.1
100 to 200 k (E24)
± 25
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= Rated Power
Resistance Values, or Limiting Element Voltage
(max. RCWV) listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
Power Rating or max. Overload Voltage listed above
whichever less.
(3) E96 series resistance values are also available. Please contact us for details. Part Number of E96 series is shown ERA3E. , ERA6E.
Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Packaging Methods (Taping)
● Standard Quantity
Type
Kind of Taping
Pitch (P1)Quantity
ERA3Y
Punched Carrier Taping
4 mm
5000 pcs./reel
ERA6Y
ERA14
Embossed Carrier Taping
4 mm
5000 pcs./reel
● Taping Reel
● Punched Carrier Taping
Dimensions
(mm)
Type
A
B
W
F
E
3Y
1.10
±0.10
1.90
±0.10
8.00
±0.20 3.50±0.05 1.75±0.10
6Y
1.65
±0.15 2.50±0.20
14
2.80
±0..20 3.50±0.20
Dimensions
(mm)
Type
P1
P2
P0
φD0
T
3Y
4.00
±0.10 2.00±0.05 4.00±0.10 1.50+0.10
0.70
±0.05
6Y
0.84
±0.05
14
1.00
±0.10
–0
Dimensions
(mm)
Type
φA
φB
φC
3Y
180.0
+0
60 min.
13.0
±1.0
6Y
14
–3.0
Dimensions
(mm)
Type
W
T
3Y
9.0
±1.0
11.4
±1.0
6Y
14
May. 2006


Similar Part No. - ERA14KB102U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA14KB102U PANASONIC-ERA14KB102U Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
More results

Similar Description - ERA14KB102U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
List of Unclassifed Man...
RG1608P-102-B-T1 ETC2-RG1608P-102-B-T1 Datasheet
489Kb / 13P
   FIXED METAL FILM CHIP RESISTORS RECTANGULAR TYPE
logo
KOA Speer Electronics, ...
BPR26CFT KOA-BPR26CFT Datasheet
94Kb / 3P
   rectangular type metal plate resistors
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
   rectangular type metal plate resistors
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Panasonic Semiconductor
ERA-6YKD244V PANASONIC-ERA-6YKD244V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA3YEB243V PANASONIC-ERA3YEB243V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com