Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS4414-123MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS4414-123MLB
Description  Shielded Power Inductors ??LPS4414
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4414-123MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS4414-123MLB Datasheet HTML 1Page - Coilcraft lnc. LPS4414-123MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ShieldedPowerInductors– LPS4414
Document 548-1
Document 548-1 Revised 11/21/11
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS4414-301ML_
0.30
0.040
470
5.6
5.7
5.8
2.35 3.25
LPS4414-501ML_
0.50
0.050
330
4.3
4.4
4.5
2.10 2.80
LPS4414-701ML_
0.70
0.055
225
3.7
3.75
3.8
1.85 2.50
LPS4414-102ML_
1.0
0.060
190
3.0
3.1
3.2
1.75 2.30
LPS4414-152ML_
1.5
0.078
150
2.9
3.1
3.2
1.55 2.00
LPS4414-182ML_
1.8
0.087
130
2.7
2.8
2.9
1.50 1.90
LPS4414-222ML_
2.2
0.110
115
2.2
2.3
2.35
1.25 1.60
LPS4414-332ML_
3.3
0.165
85.0
1.8
1.9
1.95
1.15 1.50
LPS4414-472ML_
4.7
0.215
68.0
1.4
1.5
1.55
0.90 1.20
LPS4414-562ML_
5.6
0.260
58.0
1.4
1.4
1.5
0.75 1.10
LPS4414-682ML_
6.8
0.270
54.0
1.2
1.3
1.4
0.70 1.00
LPS4414-822ML_
8.2
0.350
50.0
1.1
1.3
1.3
0.70 0.98
LPS4414-103ML_
10
0.380
43.0
1.1
1.2
1.3
0.70 0.95
LPS4414-123ML_
12
0.380
38.0
0.94
0.97
1.0
0.66 0.88
LPS4414-153ML_
15
0.440
36.0
0.85
0.89
0.92
0.63 0.82
LPS4414-183ML_
18
0.530
31.0
0.76
0.80
0.82
0.56 0.75
LPS4414-223ML_
22
0.590
27.0
0.69
0.72
0.74
0.53 0.68
LPS4414-333ML_
33
0.715
23.0
0.47
0.49
0.51
0.49 0.65
LPS4414-473ML_
47
0.935
18.0
0.39
0.42
0.43
0.44 0.58
LPS4414-563ML_
56
1.15
16.0
0.37
0.39
0.40
0.42 0.54
LPS4414-683ML_
68
1.35
14.6
0.32
0.33
0.34
0.36 0.48
LPS4414-104ML_
100
1.90
11.0
0.26
0.28
0.285 0.31 0.40
LPS4414-124ML_
120
2.60
10.0
0.23
0.24
0.25
0.27 0.34
LPS4414-154ML_
150
3.10
9.0
0.22
0.23
0.24
0.24 0.32
LPS4414-224ML_
220
4.10
6.7
0.18
0.20
0.20
0.22 0.29
LPS4414-334ML_
330
6.00
5.6
0.14
0.16
0.165 0.17 0.23
LPS4414-474ML_
470
9.50
4.3
0.13
0.14
0.145 0.14 0.23
LPS4414-564ML_
560
10.7
4.0
0.12
0.13
0.14
0.13 0.17
LPS4414-684ML_
680
11.7
3.5
0.10
0.11
0.12
0.13 0.17
LPS4414-824ML_
820
15.1
3.0
0.10
0.105 0.11
0.11 0.14
LPS4414-105ML_ 1000
16.3
2.6
0.10
0.102 0.106 0.10 0.13
LPS4414-155ML_ 1500
26.4
2.2
0.096 0.099 0.100 0.085 0.11
LPS4414-185ML_ 1800
35.0
1.9
0.089 0.094 0.097 0.075 0.10
LPS4414-225ML_ 2200
42.5
1.9
0.082 0.089 0.092 0.065 0.080
LPS4414-335ML_ 3300
56.0
1.3
0.072 0.078 0.083 0.055 0.070
Designer’s Kit C340 contains 3 of each values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 82.3 – 89.8 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.52 mm pocket depth
Recommended pick and place nozzle: OD: 4.5 mm; ID:
≤2 mm
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Very low DCR; excellent current handling
• 4.4 × 4.4 mm footprint; only 1.4 mm tall
1. Please specify
termination and packaging codes:
LPS4414-223MLC
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (3500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equiva-
lent.
5. DC current at which the inductance drops the specified
amount from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - LPS4414-123MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4414-123ML COILCRAFT-LPS4414-123ML Datasheet
208Kb / 2P
   Shielded Power Inductors
More results

Similar Description - LPS4414-123MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4414-105MLC COILCRAFT-LPS4414-105MLC Datasheet
153Kb / 2P
   Shielded Power Inductors ??LPS4414
LPS4414-105MLC COILCRAFT-LPS4414-105MLC Datasheet
153Kb / 2P
   Shielded Power Inductors ??LPS4414
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com