Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-CV50J106M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ECJ-CV50J106M
Description  PRODUCT SPECIFICATION FOR INFORMATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECJ-CV50J106M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ECJ-CV50J106M Datasheet HTML 4Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 5Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 6Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 7Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 8Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 9Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 10Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 11Page - List of Unclassifed Manufacturers ECJ-CV50J106M Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CLASSIFICATION
SPECIFICATIONS
No. 151S-ECJ-KGD38E
PAGE
SUBJECT
Multilayer Ceramic Chip Capacitor
Common Specifications (Class2
Large Capacitance
)
DATE
23th. Apr. 2003
Note ;
Table 2
No.
Contents
Performance
Test Method
12 Solderability
More than 75% of the soldered area of
both terminal electrodes shall be
covered with fresh solder.
Solder temperature : 230±5℃
Dipping period : 4±1s
Dip the specimen in solder so that both
terminal electrodes are completely submerged.
Use solder H63A(JIS-Z-3282). For the flux use
rosin (JIS-K-5902) of ethanol solution of a
concentration of about 25% by weight.
Use tweezers for the holder to dip the
specimen.
Appea-
rance
There shall be no mechanical damage.
Temp. Char. Change from the value
before test.
Capac-
itance
X5R
Within ±12.5%
tanδ
Shall meet the specified initial value.
I.R.
Shall meet the specified initial value.
With-
stand
voltage
There shall be no dielectric breakdown
or damage.
13 Temperature
cycle
Appea-
rance
There shall be no mechanical damage.
Characteristic Change from the value
before test
Capac-
itance
X5R
Within ±20%
tanδ
0.25 max.
14 Moisture
Resistance
I.R.
More than 10/C MΩ.
(C : Rated Cap. in
µF )
For the class2 capacitors, perform the heat
treatment in par. 5. 1. 1.
Solder the specimen to the testing jig shown
in Fig.2.
Test temperature : 40±2℃
Relative humidity : 90 to 95%
Test period : 500+24/0 h
Before the measurement after test, the
specimen shall be left to stand at room
temperature for the following period :
 48±4 h
(continue)
5 of 7
Solder the specimen to the testing jig shown
in Fig.2. Condition the specimen to each
temperature from step 1 to 4 in this order for
the period shown in the table below. Regard-
ing this conditioning as one cycle, perform
5 cycles continuously.
STEP TEMPERATURE (℃) PERIOD (min)
1
Minimum operation
temperature±3
30±3
2
Room temperature
3 max.
3
Maximum operation
temperature±5
30±3
4
Room temperature
3 max.
For the class2 capacitors, perform the heat
treatment in par. 5.1.1.
Before the measurement after test, the
specimen shall be left to stand at room
temperature for the following period :
48±4 h


Similar Part No. - ECJ-CV50J106M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-0EB0J105M PANASONIC-ECJ-0EB0J105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
logo
Analog Devices
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - ECJ-CV50J106M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELB-1A001 ETC2-ELB-1A001 Datasheet
534Kb / 14P
   PRODUCT SPECIFICATION FOR INFORMATION
FX3090 ETC-FX3090 Datasheet
235Kb / 8P
   Obsolete Product For Information Only.
logo
Samsung semiconductor
LTN154X3-L01 SAMSUNG-LTN154X3-L01 Datasheet
231Kb / 13P
   Product Information
LTS350Q1-PD1 SAMSUNG-LTS350Q1-PD1 Datasheet
1Mb / 58P
   Product Information
logo
Japan Aviation Electron...
SF9 JAE-SF9 Datasheet
165Kb / 4P
   COMPONENTS PRODUCT INFORMATION
logo
List of Unclassifed Man...
833 ETC2-833 Datasheet
150Kb / 2P
   Product Information 44
logo
Japan Aviation Electron...
SF50 JAE-SF50 Datasheet
166Kb / 4P
   COMPONENTS PRODUCT INFORMATION
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
   PRELIMINARY PRODUCT INFORMATION
1999
logo
NTE Electronics
WH18-01-25 NTE-WH18-01-25 Datasheet
1Mb / 2P
   PRODUCT/APPLICATION INFORMATION
logo
Japan Aviation Electron...
SF11 JAE-SF11 Datasheet
408Kb / 5P
   COMPONENTS PRODUCT INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com