Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3540A Datasheet(PDF) 2 Page - Emcore Corporation

Part # 3540A
Description  3540A 5 GHz DFB Laser Transmitters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3540A Datasheet(HTML) 2 Page - Emcore Corporation

  3540A_13 Datasheet HTML 1Page - Emcore Corporation 3540A_13 Datasheet HTML 2Page - Emcore Corporation 3540A_13 Datasheet HTML 3Page - Emcore Corporation 3540A_13 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE
DATASHEET | NOVEMBER 2013
© 2013 EMCORE Corporation
| REV 2013.11
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operation-
al sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Temperature Range of Baseplate:
Flange-Mount
Plug-in
T
OP
Continuous
-40
-10
+65
+50
°C
°C
Delay
-
-
4
10
ns
Storage Temperature
T
STG
-
-40
+85
°C
ESD
-
HBM: R = 1500 Ohm, C = 100 pF
-500
500
V
Optical Specifications
Parameter
Specifications
Units
Wavelength
1310
+ 30
nm
nm
Optical Power, Typical @ ITH + 55 mA
9 min
dBm
Delay
8
ns
Optical Power Stability vs. Temperature
+15
%
Transmitter Gain (TG)
-21
dB mW/mA
Note 1: Specifications guaranteed when unit is connected to an optical path with return loss > 35 dB.
Note 2: Peak to Peak
Note 3: Two Carrier Test
Note 4: No RF Input
RF Characteristics
Parameter
Specifications
Units
Maximum Frequency
5
GHz
Minimum Frequency
10
MHz
Amplitude Flatness1 & 2
3.0
dB p-p
Input Return Loss (50
Ω)
7.5
dB
Input 1 dB Compression
+20
dBm
Input Third Order Intercept3
0.01 GHz - 5.0 GHz
+30
-
Noise Figure (dB)4
0.01 GHz - 5.0 GHz
41
-
3540A 5 GHz DFB Laser Transmitters


Similar Part No. - 3540A_13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
3540A-16P HIROSE-3540A-16P Datasheet
272Kb / 6P
   Long-Life I/O Connectors
3540A-16P-CV HIROSE-3540A-16P-CV Datasheet
380Kb / 6P
   Long-Life I/O Connectors
3540A-16PR HIROSE-3540A-16PR Datasheet
272Kb / 6P
   Long-Life I/O Connectors
3540A-16S HIROSE-3540A-16S Datasheet
272Kb / 6P
   Long-Life I/O Connectors
3540A-16S-CV HIROSE-3540A-16S-CV Datasheet
380Kb / 6P
   Long-Life I/O Connectors
More results

Similar Description - 3540A_13

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3540A EMCORE-3540A Datasheet
97Kb / 4P
   Microwave DFB Laser Transmitters
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1742 EMCORE-1742 Datasheet
719Kb / 4P
   1742 18 GHz 1550 nm Microwave DFB Laser
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650 Datasheet
106Kb / 2P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com