Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERD52V0103P Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ERD52V0103P
Description  Carbon Film Re sis tors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERD52V0103P Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ERD52V0103P Datasheet HTML 1Page - Panasonic Semiconductor ERD52V0103P Datasheet HTML 2Page - Panasonic Semiconductor ERD52V0103P Datasheet HTML 3Page - Panasonic Semiconductor ERD52V0103P Datasheet HTML 4Page - Panasonic Semiconductor ERD52V0103P Datasheet HTML 5Page - Panasonic Semiconductor ERD52V0103P Datasheet HTML 6Page - Panasonic Semiconductor ERD52V0103P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Appendix
– ER131 –
Tolerance Code
Tolerance
(%)
Examples
W
B
C
D
F
G
J
K
M
±0.05
±0.1
±0.25
±0.5
±1
±2
±5
±10
±20
W1001 : 1000
±0.05 %
B1001 : 1000
±0.1 %
C1001 : 1000
±0.25 %
D1001 : 1000
±0.5 %
F1001 : 1000
±1 %
G1001 : 1000
±2 %
J101
: 100
±5 %
K101
: 100
±10 %
M101
: 100
±20 %
Color
First digit
Second digit
Third digit
Multiplier
Resistance tolerance
%Code
Black
0
0
0
1
Brown
1
1
1
10
±1
F
Red
2
2
2
10
2
±2
G
Orange
3
3
3
10
3
±0.05
W
Yellow
4
4
4
10
4
Green
5
5
5
10
5
±0.5
D
Blue
6
6
6
10
6
±0.25
C
Violet
7
7
7
10
7
±0.1
B
Gray
8
8
8
White
9
9
9
Gold
10
–1
±5
J
Silver
10
–2
±10
K
None
±20
M
1st Color
2nd Color
3rd Color
4th Color
5th Color
Brown
(1)
Green
(5)
Yellow
(4)
Orange
(1000)
Brown
(±1 %)
1st Color
2nd Color
3rd Color
4th Color
Brown
(1)
Green
(5)
Orange
(1000)
Gold
(±5 %)
Indication example
Color code of 5 color bands
When the standard resistance value follows E48 series or
96 series, color code of the resistors are indicated by five
color bands. Example below is 154 k .
Example 1
Color code of 4 color bands
When the standard resistance value follows E6 series, 12
series or 24 series, color code of the resistors are indicated
by four color bands. Example below is 15 k .
Example 2
How to express the resistance tolerance with a Matsushita part number
The resistance tolerance is identified by a single letter in accordance with the following table and the code is placed just
before the resistance code in the following examples.
Color code indication for the resistance value and the tolerance
Fixed resistors whose resistance value and tolerance are indicated by color code follow the standard below.
Color code
Fixed Resistors
Feb. 2006


Similar Part No. - ERD52V0103P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ERD5.1F MCC-ERD5.1F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD5.6F MCC-ERD5.6F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD51F MCC-ERD51F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD56F MCC-ERD56F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results

Similar Description - ERD52V0103P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-1SJ3R3 PANASONIC-ERX-1SJ3R3 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com