Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTK2048S12 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTK2048S12
Description  15/20 Watts JTK Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTK2048S12 Datasheet(HTML) 2 Page - XP Power Limited

  JTK2048S12 Datasheet HTML 1Page - XP Power Limited JTK2048S12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21-Jan-11
JTK15/20
Application Notes
Mechanical Details
Models and Ratings
Notes
1. All dimensions are in inches (mm)
2. Weight: 0.04 lbs (20 g) approx.
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Output can be externally trimmed by using this method.
(Single output models only). For variable trimming, use 100 k
Ωpotentiometer.
Contact sales for details.
1.00 (25.4)
Bottom View
0.10
(2.54)
0.10
(2.54)
0.40
(10.16)
0.20
(5.08)
1.00
(25.40)
0.40
(10.16)
0.80
(20.32)
0.10
(2.54)
0.40
(10.16)
0.30
(7.62)
45
6
1
2
3
0.39
(9.90)
DIA
0.04
(1.00)
0.22
(5.60)
Print
Face
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
+Vout
+Vout
5
Trim
Com
6
-Vout
-Vout
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number
No Load
Full Load
9-36 V
3.3 V
4.000 A
15 mA
647 mA
1000 µF
86%
JTK1524S3V3
5.0 V
3.000 A
15 mA
727 mA
1000 µF
87%
JTK1524S05
12.0 V
1.300 A
15 mA
747 mA
330 µF
88%
JTK1524S12
15.0 V
1.000 A
15 mA
710 mA
220 µF
89%
JTK1524S15
±5.0 V
±1.500 A
15 mA
744 mA
±470 µF
85%
JTK1524D05
±12.0 V
±0.625 A
15 mA
720 mA
±220 µF
88%
JTK1524D12
±15.0 V
±0.500 A
15 mA
710 mA
±100 µF
89%
JTK1524D15
18-75 V
3.3 V
4.000 A
10 mA
331 mA
1000 µF
84%
JTK1548S3V3
5.0 V
3.000 A
10 mA
368 mA
1000 µF
86%
JTK1548S05
12.0 V
1.300 A
10 mA
378 mA
330 µF
87%
JTK1548S12
15.0 V
1.000 A
10 mA
360 mA
220 µF
88%
JTK1548S15
±5.0 V
±1.500 A
10 mA
377 mA
±470 µF
84%
JTK1548D05
±12.0 V
±0.625 A
10 mA
363 mA
±220 µF
87%
JTK1548D12
±15.0 V
±0.500 A
10 mA
360 mA
±100 µF
88%
JTK1548D15
9-36 V
3.3 V
4.500 A
50 mA
720 mA
10000 µF
86%
JTK2024S3V3
5.0 V
4.000 A
50 mA
936 mA
5000 µF
89%
JTK2024S05
12.0 V
1.670 A
22 mA
936 mA
850 µF
89%
JTK2024S12
15.0 V
1.330 A
22 mA
936 mA
700 µF
89%
JTK2024S15
±12.0 V
±0.833 A
25 mA
936 mA
±470 µF
89%
JTK2024D12
±15.0 V
±0.667 A
25 mA
936 mA
±330 µF
89%
JTK2024D15
18-75 V
3.3 V
4.500 A
30 mA
309 mA
10000 µF
86%
JTK2048S3V3
5.0 V
4.000 A
30 mA
468 mA
5000 µF
89%
JTK2048S05
12.0 V
1.670 A
15 mA
468 mA
850 µF
89%
JTK2048S12
15.0 V
1.330 A
15 mA
468 mA
700 µF
90%
JTK2048S15
±12.0 V
±0.833 A
15 mA
468 mA
±470 µF
89%
JTK2048D12
±15.0 V
±0.667 A
15 mA
468 mA
±330 µF
89%
JTK2048D15
Output Trim
5
RTrim-up
6
4
5
RTrim-down
1. Input current measured at nominal 24 V and 48 V input.
2. When one output is set to 100% load, and the other varies between 25% and 100% load.
3. Measured with 1 µF ceramic capacitor and 10 µF tantalum capacitor across output rails.
12 µH
220 µF
+
-
2.2 µF
+Vin
+Vout
DC/DC
Converter
-Vout
Load
-Vin
Notes
Input Filter
Trim Resistor Values
Model Number
Trim up
10%
Trim down
10%
JTK - S3V3
8 k
12 k
JTK - S05
10 k
5 k
JTK - S12
20 k
7 k
JTK - S15
20 k
6 k
Approximate values.


Similar Part No. - JTK2048S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTK30 XPPOWER-JTK30 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024D12 XPPOWER-JTK3024D12 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024D15 XPPOWER-JTK3024D15 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024S05 XPPOWER-JTK3024S05 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024S12 XPPOWER-JTK3024S12 Datasheet
388Kb / 4P
   DC-DC Converter
More results

Similar Description - JTK2048S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
   15/20 Watts
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
VCP15 XPPOWER-VCP15 Datasheet
136Kb / 2P
   15 Watts VCP Series
logo
Astec America, Inc
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
   15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
XP Power Limited
JTF0824S3V3 XPPOWER-JTF0824S3V3 Datasheet
280Kb / 2P
   815 Watts JTF Series
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
RDC20 XPPOWER-RDC20 Datasheet
113Kb / 2P
   20 Watts RDC Series
logo
List of Unclassifed Man...
WU100 ETC-WU100 Datasheet
52Kb / 2P
   10/15 Watts WU Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com