Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERD25T0103 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERD25T0103
Description  Carbon Film Re sis tors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERD25T0103 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERD25T0103 Datasheet HTML 1Page - Panasonic Semiconductor ERD25T0103 Datasheet HTML 2Page - Panasonic Semiconductor ERD25T0103 Datasheet HTML 3Page - Panasonic Semiconductor ERD25T0103 Datasheet HTML 4Page - Panasonic Semiconductor ERD25T0103 Datasheet HTML 5Page - Panasonic Semiconductor ERD25T0103 Datasheet HTML 6Page - Panasonic Semiconductor ERD25T0103 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Carbon Film Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
a
c
b
Flat box
Ma
rkin
g
L
P
H
D
d
h
H
L
d
k
j
k
Lead
Insulation
Coating
L
h
P
6.5
±1.0
0.8
3.5
±1.0
D
d
3.2 min.
0.5 max.
0.5 max.
6
±1
L
0.8 max.
L1
L2
0
W
W0
Type
Part Numbers
Std. Qty.
(PCS)
L
fDH
h
k
j
d
Carbon
Film R
ERD25VJ
2000
6.35
+0.65
2.3
+0.5
20 min. 9.5 min.
2.0
±0.5
6.0
+2.0
0.6
ERD25FVJ
ERDS1VJ
ERDS1FVJ
–0.35
–0.3
–1.0
Type
Part Numbers
Std. Qty.
(PCS)
L
fDP
h
d
Carbon
Film R
ERD25FJ
P
2000
6.35
+0.65
2.3
+0.5
10.0±1.5
11.5±1.0
0.65
ERDS1FJ
P
–0.35
–0.3
Type
Part Numbers
Std. Qty.
(PCS)
L
fDP
H
d
Carbon
Film R
ERDS2TJ
A
2000
3.2±0.2
1.7
+0.2
5.0±0.5
4.5
+1.5
0.45
ERD25TJ
B
6.35
+0.65
2.3
+0.5
10.0±0.5
4.5
+1.5
0.6
ERDS1TJ
B
–0.35
–0.3
–0.1
–0.5
–0.5
Shape
L
max.
fD
max.
fd
P
±0.3
WW0
1
3.4
1.9
0.45
5.0
26
+1
41.5 max.
2
3.4
1.9
0.45
5.0
52±1
64.5±0.5
3
6.5
2.5
0.6
5.0
26
+1
41.5 max.
4
6.5
2.5
0.6
5.0
52±1
64.5±0.5
Packaging
Shape
Type
Part Numbers
Std. Qty.
(pcs./box)
Size of box
a b c (mm)
26 mm
Axial
taping
1
Carbon
Film R
ERDS2TJ
T
5000
52 85 255
ERDS2FJ
T
52 mm
Axial
taping
2
Carbon
Film R
ERDS2TJ
V
5000
78 85 255
ERDS2FJ
V
26 mm
Axial
taping
3
Carbon
Film R
ERD25TJ
T
4000
52 95 255
ERD25FJ
T
ERDS1TJ
T
ERDS1FJ
T
52 mm
Axial
taping
4
Carbon
Film R
ERD25TJ
V
2000
78 58 255
ERD25FJ
V
ERDS1TJ
V
ERDS1FJ
V
Shape and Packaging
● Bulk type (Lead forming)
Radial forming
Self standing form
● Axial taping type
|L1–L2|
<1.0
Cumulative 250±2 mm by 50 pitch
Standard forming
–0
–0
Feb. 2006
 Discontinued


Similar Part No. - ERD25T0103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERD25T0 PANASONIC-ERD25T0 Datasheet
163Kb / 7P
   Carbon Film Resistors
More results

Similar Description - ERD25T0103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-1SJ3R3 PANASONIC-ERX-1SJ3R3 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com