Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERD52F0103 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERD52F0103
Description  Carbon Film Re sis tors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERD52F0103 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERD52F0103 Datasheet HTML 1Page - Panasonic Semiconductor ERD52F0103 Datasheet HTML 2Page - Panasonic Semiconductor ERD52F0103 Datasheet HTML 3Page - Panasonic Semiconductor ERD52F0103 Datasheet HTML 4Page - Panasonic Semiconductor ERD52F0103 Datasheet HTML 5Page - Panasonic Semiconductor ERD52F0103 Datasheet HTML 6Page - Panasonic Semiconductor ERD52F0103 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Carbon Film Resistors
P2
F
fd
P1
fD
fD0
P0
h
l
A
P
45
320
Indication
P0
PP2
g
h
fD
fd
fD0
F0
h
P1
Lead Insulation
Coating
l
F
● Radial Taping type
Radial Taping
Radial Taping for small type
Type
Part Numbers
Std. Qty.
(pcs.)
Carbon
Film R
ERDS1VJ
T
2000
ERD25VJ
T
ERDS1FVJ
T
ERD25FVJ
T
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
P12.7±1.0
W0
5 min.
k
0 max.
P0
12.7±0.3
W1
9.0±0.5
t
0.7±0.2
P1
3.85±0.70
W2
3 max.
g
0±2.5 °
P2
6.35±1.00
H1
32 max.
h
0±2
F5.0±0.5
H0
16.0±0.5
A
6.35
+0.65
F0
2.5±0.5
fD0
4.0±0.2
fD
2.3
+0.5
W18.0±0.5
L
11 max.
fd
0.60±0.05
Type
Part Numbers
Std. Qty.
(pcs.)
Carbon Film R
ERDS2TYJ
T2000
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
P12.7±1.0
W0
5 min.
h
0±2
P0
12.7±0.3
W1
9.0±0.5
t
0.7±0.2
P1
3.85±0.70
W2
3 max.
A
3.2±0.2
P2
6.35±1.00
H0
19.0
+1.0
fD
1.7
+0.2
F5.0±0.5
fD0
4.0±0.2
fd
0.45±0.05
W18.0±0.5
k
0 max.
–0.1
–0.5
–0.35
–0.3
Feb. 2006
 Discontinued


Similar Part No. - ERD52F0103

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ERD5.1F MCC-ERD5.1F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD5.6F MCC-ERD5.6F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD51F MCC-ERD51F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
ERD56F MCC-ERD56F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results

Similar Description - ERD52F0103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-1SJ3R3 PANASONIC-ERX-1SJ3R3 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com