Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2185LBSTZ-1602 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-2185LBSTZ-1602
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2185LBSTZ-1602 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-2185LBSTZ-1602 Datasheet HTML 6Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 7Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 8Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 9Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 10Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 11Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 12Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 13Page - Analog Devices ADSP-2185LBSTZ-1602 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Rev. C
|
Page 10 of 48
|
January 2008
ADSP-2184L/ADSP-2185L/ADSP-2186L/ADSP-2187L
I/O Space (Full Memory Mode)
ADSP-218xL series members support an additional external
memory space called I/O space. This space is designed to sup-
port simple connections to peripherals (such as data converters
and external registers) or to bus interface ASIC data registers.
I/O space supports 2048 locations of 16-bit wide data. The lower
eleven bits of the external address bus are used; the upper three
bits are undefined.
Two instructions were added to the core ADSP-2100 family
instruction set to read from and write to I/O memory space. The
I/O space also has four dedicated 3-bit wait state registers,
IOWAIT0–3 as shown in Figure 8, which specify up to seven
wait states to be automatically generated for each of four
regions. The wait states act on address ranges, as shown in
Table 6.
Note: In Full Memory Mode, all 2048 locations of I/O space are
directly addressable. In Host Memory Mode, only address pin
A0 is available; therefore, additional logic is required externally
to achieve complete addressability of the 2048 I/O space
locations.
Composite Memory Select
ADSP-218xL series members have a programmable memory
select signal that is useful for generating memory select signals
for memories mapped to more than one space. The CMS signal
is generated to have the same timing as each of the individual
memory select signals (PMS, DMS, BMS, IOMS) but can com-
bine their functionality. Each bit in the CMSSEL register, when
set, causes the CMS signal to be asserted when the selected
memory select is asserted. For example, to use a 32K word
memory to act as both program and data memory, set the PMS
and DMS bits in the CMSSEL register and use the CMS pin to
drive the chip select of the memory, and use either DMS or PMS
as the additional address bit.
The CMS pin functions like the other memory select signals
with the same timing and bus request logic. A 1 in the enable bit
causes the assertion of the CMS signal at the same time as the
selected memory select signal. All enable bits default to 1 at
reset, except the BMS bit.
Table 4. PMOVLAY Bits
Processor
PMOVLAY
Memory
A13
A12– 0
ADSP-2184L
No internal overlay
region
Not Applicable
Not applicable
Not applicable
ADSP-2185L
0
Internal overlay
Not applicable
Not applicable
ADSP-2186L
No internal overlay
region
Not applicable
Not applicable
Not applicable
ADSP-2187L
0, 4, 5
Internal overlay
Not applicable
Not applicable
All Processors
1
External overlay 1
0
13 LSBs of address between 0x2000 and 0x3FFF
All Processors
2
External overlay 2
1
13 LSBs of address between 0x2000 and 0x3FFF
Table 5. DMOVLAY Bits
Processor
DMOVLAY
Memory
A13
A12– 0
ADSP-2184L
No internal overlay
region
Not applicable
Not applicable
Not applicable
ADSP-2185L
0
Internal overlay
Not applicable
Not applicable
ADSP-2186L
No internal overlay
region
Not applicable
Not applicable
Not applicable
ADSP-2187L
0, 4, 5
Internal overlay
Not applicable
Not applicable
All Processors
1
External overlay 1
0
13 LSBs of address between 0x0000 and 0x1FFF
All Processors
2
External overlay 2
1
13 LSBs of address between 0x0000 and 0x1FFF
Table 6. Wait States
Address Range
Wait State Register
0x000–0x1FF
IOWAIT0
0x200–0x3FF
IOWAIT1
0x400–0x5FF
IOWAIT2
0x600–0x7FF
IOWAIT3
Figure 8. Wait State Control Register
DWAIT
IOWAIT3
IOWAIT2
IOWAIT1
IOWAIT0
DM(0x3FFE)
WAIT STATE CONTROL
0
1
11
11
1
1
1
1
1
11
1
1
1
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RESERVED


Similar Part No. - ADSP-2185LBSTZ-1602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185LBST-115 AD-ADSP-2185LBST-115 Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2185LBST-133 AD-ADSP-2185LBST-133 Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2185LBST-160 AD-ADSP-2185LBST-160 Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2185LBST-210 AD-ADSP-2185LBST-210 Datasheet
223Kb / 31P
   DSP Microcomputer
More results

Similar Description - ADSP-2185LBSTZ-1602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com