Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP02GBC Datasheet(PDF) 3 Page - Analog Devices

Part # AMP02GBC
Description  High Accuracy Instrumentation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02GBC Datasheet(HTML) 3 Page - Analog Devices

  AMP02GBC Datasheet HTML 1Page - Analog Devices AMP02GBC Datasheet HTML 2Page - Analog Devices AMP02GBC Datasheet HTML 3Page - Analog Devices AMP02GBC Datasheet HTML 4Page - Analog Devices AMP02GBC Datasheet HTML 5Page - Analog Devices AMP02GBC Datasheet HTML 6Page - Analog Devices AMP02GBC Datasheet HTML 7Page - Analog Devices AMP02GBC Datasheet HTML 8Page - Analog Devices AMP02GBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. E
AMP02
–3–
AMP02E
AMP02F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage Range
VS
±4.5
±18
±4.5
±18
V
Supply Current
ISY
TA = 25
°C5
6
5
6
mA
–40
°C ≤ TA ≤ +85°C5
6
5
6
mA
NOTES
1Input voltage range guaranteed by common-mode rejection test.
2Guaranteed by design.
3Gain tempco does not include the effects of external component drift.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage
±18 V
Common-Mode Input Voltage [(V–) – 60 V] to [(V+) + 60 V]
Differential Input Voltage
[(V–) – 60 V] to [(V+) + 60 V]
Output Short-Circuit Duration
Continuous
Operating Temperature Range
–40
°C to +85°C
Storage Temperature Range
–65
°C to +150°C
Function Temperature Range
–65
°C to +150°C
Lead Temperature (Soldering, 10 sec)
300
°C
Package Type
JA
3
JC
Unit
8-Lead Plastic DIP (P)
96
37
°C/W
16-Lead SOIC (S)
92
27
°C/W
–IN
+IN
RG1 RG2
25k
25k
25k
25k
V+
SENSE
OUT
REFERENCE
V–
Figure 2. Simplified Schematic
ORDERING GUIDE
VIOS max @ VOOS max @ Temperature
Package
Model
TA = 25 CTA = 25 C
Range
Description
AMP02EP
100
µV4 mV
–40
°C to +85°C
8-Lead Plastic DIP
AMP02FP
200
µV8 mV
–40
°C to +85°C
8-Lead Plastic DIP
AMP02AZ/883C
200
µV
10 mV
–55
°C to +125°C 8-Lead CERDIP
AMP02FS
200
µV8 mV
–40
°C to +85°C
16-Lead SOIC
AMP02GBC
Die
AMP02FS-REEL
200
µV8 mV
–40
°C to +85°C
16-Lead SOIC
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
3
θ
JA is specified for worst case mounting conditions, i.e.,
θ
JA is specified for
device in socket for P-DIP package;
θ
JA is specified for device soldered to
printed circuit board for SOIC package.


Similar Part No. - AMP02GBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02GBC AD-AMP02GBC Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AMP02GBC AD-AMP02GBC Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
More results

Similar Description - AMP02GBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
   High Accuracy Instrumentation Amplifier
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
   Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com