Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7820A Datasheet(PDF) 2 Page - Emcore Corporation

Part # 7820A
Description  7820A CATV Optical Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7820A Datasheet(HTML) 2 Page - Emcore Corporation

  7820A Datasheet HTML 1Page - Emcore Corporation 7820A Datasheet HTML 2Page - Emcore Corporation 7820A Datasheet HTML 3Page - Emcore Corporation 7820A Datasheet HTML 4Page - Emcore Corporation 7820A Datasheet HTML 5Page - Emcore Corporation 7820A Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | MARCH 2012
FIBER OPTICS
| REV 2012.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Min
Max
Unit
Operating Case Temperature Range
T
CASE
-30
85
°C
Storage Temperature Range
Tstg
-40
85
°C
Humidity at 85 °C
RH
--
85
%
Note: For all tables, typical values are performed at 25
oC; min and max values are performance vs. temperature.
Electrical/Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Optical Power
PIN
--
--
+3
dBm
Optical Return Loss
RLOPT
40
--
--
dB
DC Power
+5V Amp Bias, (Pin 2)
+12V PD Bias, (Pin 6)
ICCA
ICCP
--
--
--
--
160
3
mA
mA
Wavelength
λ
1260
1310/1550
1620
nm
Responsivity
--
--
--
>0.85 at 1310 nm
>0.95 at 1550 nm
--
--
mA/mW
mA/mW
PDI Monitor Voltage
VMON
--
0.5
--
V/mA
Dissipation
PDISS
--
--
0.85
W
RF Characteristic
Parameter
Symbol
Min
Typ
Max
Unit
Frequency Response
BW
5
--
1002
MHz
Gain (Ref @ 40MHz)
G
28
--
20
dB
Gain Stability
(-30
C to + 85C)
GST
-0.5
--
+0.5
dB
Ripple (40 MHz – 1002 MHz)
--
--
1
1.2
dBpk-pk
Gain Tilt
--
--
1
2
dB
RF Output Level
(2)
RFOUT
22
--
24
dBmV/ch
Output Return Loss
(40 – 1002 MHz)
RL
--
--
-14
dB
Equivalent Input Noise
EIN
--
--
4.5
pA/√Hz
Discrete Second-Order
(1)
DSO
--
-70
-67
dBc
Discrete Third Order
(1,3)
DTO
--
-85
-80
dBc
(1) Two laser test at 1310 nm/1550 nm. 40% OMI/tone. Total received optical power = 0 dBm. Distortion products measured
at 40 and 200 MHz.
(2) Optical Input = 0 dBm, OMI = 20%
(3) DTO may degrade to -77 dBc above 800 MHz
7820A CATV Optical Receiver
1 GHz


Similar Part No. - 7820A

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7820 MAXWELL-7820 Datasheet
244Kb / 18P
   Microprocessor-compatible 8-Bit ADC
logo
List of Unclassifed Man...
7820 ETC2-7820 Datasheet
515Kb / 1P
   QUICK-FIT TERMINALS
logo
Wurth Elektronik GmbH &...
782013076508 WURTH-782013076508 Datasheet
416Kb / 4P
   WE-AEFA Axial EMI Suppression Ferrite
1.3 2014-02-24
782013079285 WURTH-782013079285 Datasheet
291Kb / 4P
   WE-AEFA Axial EMI Suppression Ferrite
001.004
782013100280 WURTH-782013100280 Datasheet
291Kb / 4P
   WE-AEFA Axial EMI Suppression Ferrite
001.004
More results

Similar Description - 7820A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
   Channel CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
   Channel LDS CATV Optical Receiver
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
   3 GHz CATV Optical Receiver
2808 EMCORE-2808 Datasheet
301Kb / 2P
   110 Channel CATV Optical Receiver
2807 EMCORE-2807 Datasheet
378Kb / 2P
   Mini-Node CATV Optical Receiver
2807 EMCORE-2807_16 Datasheet
588Kb / 3P
   Mini-Node CATV Optical Receiver
2809 EMCORE-2809 Datasheet
321Kb / 2P
   77 Channel LDS CATV Optical Receiver
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
   2808 110 Channel CATV Optical Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com