Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF514BSWZ-4F4 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-BF514BSWZ-4F4
Description  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF514BSWZ-4F4 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-BF514BSWZ-4F4 Datasheet HTML 3Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 4Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 5Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 6Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 7Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 8Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 9Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 10Page - Analog Devices ADSP-BF514BSWZ-4F4 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Rev. B
|
Page 7 of 68
|
January 2011
System Interrupt Controller (SIC)
The system interrupt controller provides the mapping and rout-
ing of events from the many peripheral interrupt sources to the
prioritized general-purpose interrupt inputs of the CEC.
Although the processors provide a default mapping, the user
can alter the mappings and priorities of interrupt events by
writing the appropriate values into the interrupt assignment
registers (SIC_IARx). See the ADSP-BF51x Blackfin Processor
Hardware Reference Manual “System Interrupts” chapter for the
inputs into the SIC and the default mappings into the CEC.
The SIC allows further control of event processing by providing
three pairs of 32-bit interrupt control and status registers. Each
register contains a bit corresponding to each of the peripheral
interrupt events. For more information, see the ADSP-BF51x
Blackfin Processor Hardware Reference Manual “System Inter-
rupts” chapter.
DMA CONTROLLERS
The ADSP-BF51x processors have multiple independent DMA
channels that support automated data transfers with minimal
overhead for the processor core. DMA transfers can occur
between the processor's internal memories and any of its DMA-
capable peripherals. Additionally, DMA transfers can be accom-
plished between any of the DMA-capable peripherals and
external devices connected to the external memory interfaces,
including the SDRAM controller and the asynchronous mem-
ory controller. DMA-capable peripherals include the Ethernet
MAC, RSI, SPORTs, SPIs, UARTs, and PPI. Each individual
DMA-capable peripheral has at least one dedicated DMA
channel.
The processors’ DMA controller supports both one-dimen-
sional (1-D) and two-dimensional (2-D) DMA transfers. DMA
transfer initialization can be implemented from registers or
from sets of parameters called descriptor blocks.
The 2-D DMA capability supports arbitrary row and column
sizes up to 64K elements by 64K elements, and arbitrary row
and column step sizes up to ±32K elements. Furthermore, the
column step size can be less than the row step size, allowing
implementation of interleaved data streams. This feature is
especially useful in video applications where data can be de-
interleaved on the fly.
Examples of DMA types supported by the DMA controller
include:
• A single, linear buffer that stops upon completion
• A circular, auto-refreshing buffer that interrupts on each
full or fractionally full buffer
• 1-D or 2-D DMA using a linked list of descriptors
•2-D DMA using an array of descriptors, specifying only the
base DMA address within a common page
In addition to the dedicated peripheral DMA channels, there are
two memory DMA channels that transfer data between the vari-
ous memories of the processor system. This enables transfers of
blocks of data between any of the memories—including external
SDRAM, ROM, SRAM, and flash memory—with minimal pro-
cessor intervention. Memory DMA transfers can be controlled
by a very flexible descriptor-based methodology or by a stan-
dard register-based autobuffer mechanism.
The processors also have an external DMA controller capability
via dual external DMA request signals when used in conjunc-
tion with the external bus interface unit (EBIU). This
functionality can be used when a high speed interface is
required for external FIFOs and high bandwidth communica-
tions peripherals. It allows control of the number of data
transfers for memory DMA. The number of transfers per edge is
programmable. This feature can be programmed to allow mem-
ory DMA to have an increased priority on the external bus
relative to the core.
PROCESSOR PERIPHERALS
The ADSP-BF51x processors contain a rich set of peripherals
connected to the core via several high bandwidth buses, provid-
ing flexibility in system configuration as well as excellent overall
system performance (see Figure 1 on Page 4). The processors
contain dedicated network communication modules and high
speed serial and parallel ports, an interrupt controller for flexi-
ble management of interrupts from the on-chip peripherals or
external sources, and power management control functions to
tailor the performance and power characteristics of the proces-
sor and system to many application scenarios.
All of the peripherals, except for the general-purpose I/O, rotary
counter, TWI, three-phase PWM, real-time clock, and timers,
are supported by a flexible DMA structure. There are also sepa-
rate memory DMA channels dedicated to data transfers
between the processor's various memory spaces, including
external SDRAM and asynchronous memory. Multiple on-chip
buses provide enough bandwidth to keep the processor core
running along with activity on all of the on-chip and external
peripherals.
Real-Time Clock
The real-time clock (RTC) provides a robust set of digital watch
features, including current time, stopwatch, and alarm. The
RTC is clocked by a 32.768 kHz crystal external to the proces-
sors. The RTC peripheral has a dedicated power supply so that it
can remain powered up and clocked even when the rest of the
processor is in a low power state. The RTC provides several pro-
grammable interrupt options, including interrupt per second,
minute, hour, or day clock ticks, interrupt on programmable
stopwatch countdown, or interrupt at a programmed alarm
time.
The 32.768 kHz input clock frequency is divided down to a 1 Hz
signal by a prescaler. The counter function of the timer consists
of four counters: a 60-second counter, a 60-minute counter, a
24-hour counter, and an 32,768-day counter.
When enabled, the alarm function generates an interrupt when
the output of the timer matches the programmed value in the
alarm control register. There are two alarms: The first alarm is
for a time of day. The second alarm is for a day and time of
that day.


Similar Part No. - ADSP-BF514BSWZ-4F4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF514BSWZ-4F4 AD-ADSP-BF514BSWZ-4F4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results

Similar Description - ADSP-BF514BSWZ-4F4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com