Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3998-0D03-11001 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 3998-0D03-11001
Description  3998 Series 1550 nm Externally-Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3998-0D03-11001 Datasheet(HTML) 5 Page - Emcore Corporation

  3998-0D03-11001 Datasheet HTML 1Page - Emcore Corporation 3998-0D03-11001 Datasheet HTML 2Page - Emcore Corporation 3998-0D03-11001 Datasheet HTML 3Page - Emcore Corporation 3998-0D03-11001 Datasheet HTML 4Page - Emcore Corporation 3998-0D03-11001 Datasheet HTML 5Page - Emcore Corporation 3998-0D03-11001 Datasheet HTML 6Page - Emcore Corporation 3998-0D03-11001 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
General and Mechanical Specifications (continued)
Property
Requirement
Comments
Front Panel RF Gain / OMI Adjustment Range
+2 / -4 dB from nominal setting
CATV Performance can vary slightly
CATV Frequency Range
45 MHz – 1003 MHz
CATV Flatness
+/- 0.50 dB
45 MHz – 550 MHz
+/- 0.75 dB
45 MHz – 1003 MHz
CATV Flatness – N-Type
+/- 0.75 dB
45 MHz – 1003 MHz N-Type
CATV Input impedance
75
Ω
CATV Input Return Loss
16 dB min
45 MHz – 1003 MHz
CATV Front Panel RF Tap
-20 +/- 1 dB down from RF input
CATV Front Panel RF Tap Flatness
+/- 1 dB
45 MHz – 1003 MHz
SAT-IF Frequency Range
950 MHz – 2800 MHz
SAT-IF Flatness
+/- 2 dB
SAT-IF Input impedance
75
Ω
SAT-IF Input Return Loss
10 dB min
950 MHz – 2800 MHz
SAT-IF Front Panel RF Tap
7 +/- 2.5 dBmV/Ch at 1% OMI/ch
SAT-IF Front Panel RF Tap Flatness
+/- 1 dB
950 MHz – 2800 MHz
Test/Link Configuration
Property
EDFA
Link
1
Received Power
2
L-Type
15 dBm
25 Km
0.0 dBm at the receiver
D-Type
None
40 Km
0.0 dBm at the receiver
S-Type
16 dBm
65 Km
0.0 dBm at the receiver
F-Type
21 dBm
20 Km
-5.5 dBm at the receiver
N-Type
13 dBm
40 Km
0.0 dBm at the receiver
3998 Series 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 3998-0D03-11001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3998-0DA1-11001 EMCORE-3998-0DA1-11001 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0DA1-11002 EMCORE-3998-0DA1-11002 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0DA1-11011 EMCORE-3998-0DA1-11011 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0DA1-11012 EMCORE-3998-0DA1-11012 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0DA1-12001 EMCORE-3998-0DA1-12001 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
More results

Similar Description - 3998-0D03-11001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com