Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3223J-1-104E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3223J-1-104E
Description  Featured Products Bulletin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3223J-1-104E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3223J-1-104E Datasheet HTML 1Page - Bourns Electronic Solutions 3223J-1-104E Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bourns® Trimmer Design Kits
Riverside, California - September 25, 2007 - Bourns® Trimpot® Product Line is proud to announce the release of
newly assembled trimmer design kits. The kits offer a general selection of popular trimmer parts for individual
models. All parts included are RoHS compliant.
TRIMPO T® PRODUC T S
T0762
H-851
3223 Trimmer Design Kit
3223W-1-103E
3223W-1-502E
3223W-1-102E
3223J-1-500E
3223J-1-104E
3223J-1-503E
TRIMPO T ® PRODUCT S
DESIGN
KIT
H-851
3223 - 3 mm SMD Trimming Potentiometer
Reliable Electronic Solutions
TRIMPO T ® PRODUCT S
DESIGN
KIT
H-852
3224 - 4 mm SMD Trimming Potentiometer
Reliable Electronic Solutions
TRIMPO T ® PRODUCT S
DESIGN
KIT
H-853
3296 - 3/8 ” Square Trimming Potentiometer
Reliable Electronic Solutions
TRIMPO T ® PRODUCT S
DESIGN
KIT
H-854
3314 - 4 mm Square Trimming Potentiometer
Reliable Electronic Solutions
H-852
3224 Trimmer Design Kit
3224W-1-102E
3224W-1-103E
3224W-1-503E
3224J-1-102E
3224J-1-103E
3224J-1-503E
H-853
3296 Trimmer Design Kit
3296W-1-102LF
3296W-1-103LF
3296W-1-503LF
3296P-1-102LF
3296P-1-103LF
3296P-1-503LF
H-854
3314 Trimmer Design Kit
3314J-1-103E
3314J-1-503E
3314G-1-102E
3314G-1-103E
3314Z-1-102E
3314Z-1-503E
H-855
3362 Trimmer Design Kit
3362P-1-102LF
3362P-1-103LF
3362P-1-503LF
3362W-1-102LF
3362W-1-103LF
3362W-1-503LF
TRIMPO T ® PRODUCT S
DESIGN
KIT
H-855
3362 - 1/4” Square Trimming Potentiometer
Reliable Electronic Solutions
TRIMPO T ® PRODUCT S
DESIGN
KIT
H-856
3386 - 3/8 ” Square Trimming Potentiometer
Reliable Electronic Solutions
TRIMPO T ® PRODUCT S
DESIGN
KIT
H-857
3361 - 1/4 ” SMD Trimming Potentiometer
Reliable Electronic Solutions
H-856
3386 Trimmer Design Kit
3386P-1-102LF
3386P-1-103LF
3386P-1-503LF
3386W-1-102LF
3386W-1-103LF
3386W-1-503LF
H-857
3361 Trimmer Design Kit
3361P-1-102GLF
3361P-1-103GLF
3361P-1-503GLF
3361S-1-102GLF
3361S-1-103GLF
3361S-1-503GLF


Similar Part No. - 3223J-1-104E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3223J BOURNS-3223J Datasheet
533Kb / 2P
   3 mm SMD Trimpot짰 Trimming Potentiometer
More results

Similar Description - 3223J-1-104E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-870 BOURNS-H-870 Datasheet
106Kb / 1P
   Featured Products Bulletin
logo
Motorola, Inc
EB346 MOTOROLA-EB346 Datasheet
246Kb / 6P
   Semiconductor Products Sector Engineering Bulletin
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
M/A-COM Technology Solu...
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com