Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2187LBSTZ-2102 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-2187LBSTZ-2102
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2187LBSTZ-2102 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-2187LBSTZ-2102 Datasheet HTML 4Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 5Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 6Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 7Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 8Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 9Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 10Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 11Page - Analog Devices ADSP-2187LBSTZ-2102 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Rev. C
|
Page 8 of 48
|
January 2008
ADSP-2184L/ADSP-2185L/ADSP-2186L/ADSP-2187L
RESET
The RESET signal initiates a master reset of the ADSP-218xL.
The RESET signal must be asserted during the power-up
sequence to assure proper initialization. RESET during initial
power-up must be held long enough to allow the internal clock
to stabilize. If RESET is activated any time after power-up, the
clock continues to run and does not require stabilization time.
The power-up sequence is defined as the total time required for
the crystal oscillator circuit to stabilize after a valid VDD is
applied to the processor, and for the internal phase-locked loop
(PLL) to lock onto the specific crystal frequency. A minimum of
2000 CLKIN cycles ensures that the PLL has locked, but does
not include the crystal oscillator start-up time. During this
power-up sequence, the RESET signal should be held low. On
any subsequent resets, the RESET signal must meet the mini-
mum pulse width specification (tRSP).
The RESET input contains some hysteresis; however, if an RC
circuit is used to generate the RESET signal, the use of an exter-
nal Schmitt trigger is recommended.
The master reset sets all internal stack pointers to the empty
stack condition, masks all interrupts, and clears the MSTAT
register. When RESET is released, if there is no pending bus
request and the chip is configured for booting, the boot-loading
sequence is performed. The first instruction is fetched from on-
chip program memory location 0x0000 once boot loading
completes.
MEMORY ARCHITECTURE
The ADSP-218xL series provides a variety of memory and
peripheral interface options. The key functional groups are Pro-
gram Memory, Data Memory, Byte Memory, and I/O. Refer to
Figure 4 through Figure 7 for PM and DM memory allocations
in the ADSP-218xL series.
Program Memory
Program Memory (Full Memory Mode) is a 24-bit-wide space
for storing both instruction opcodes and data. The member
DSPs of this series have up to 32K words of Program Memory
RAM on chip, and the capability of accessing up to two 8K
external memory overlay spaces, using the external data bus.
Program Memory (Host Mode) allows access to all internal
memory. External overlay access is limited by a single external
address line (A0). External program execution is not available in
Host Mode due to a restricted data bus that is only 16 bits wide.
Data Memory
Data Memory (Full Memory Mode) is a 16-bit-wide space used
for the storage of data variables and for memory-mapped con-
trol registers. The ADSP-218xL series has up to 32K words of
Data Memory RAM on-chip. Part of this space is used by 32
memory-mapped registers. Support also exists for up to two 8K
external memory overlay spaces through the external data bus.
All internal accesses complete in one cycle. Accesses to external
memory are timed using the wait states specified by the DWAIT
register.
Data Memory (Host Mode) allows access to all internal mem-
ory. External overlay access is limited by a single external
address line (A0).
Figure 3. External Crystal Connections
CLKIN
CLKOUT
XTAL
DSP
1M
Figure 4. ADSP-2184 Memory Architecture
PROGRAM MEMORY
PM OVERLAY 1,2
(EXTERNAL PM)
INTERNAL PM
PM OVERLAY 0
(RESERVED)
RESERVED
MODEB = 0
0x3FFF
0x2000
0x0000
0x0FFF
0x1000
0x1FFF
0x3FFF
0x2000
0x0000
0x3FE0
0x3FDF
0x3000
0x2FFF
0x1FFF
DATA MEMORY
DM OVERLAY 1,2
(EXTERNAL DM)
INTERNAL DM
32 MEMORY-MAPPED
CONTROL REGISTERS
4064 RESERVED
WORDS
DM OVERLAY 0
(RESERVED)
PROGRAM MEMORY
RESERVED
EXTERNAL PM
MODEB = 1
0x3FFF
0x2000
0x0000
0x1FFF


Similar Part No. - ADSP-2187LBSTZ-2102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2187LBST-160 AD-ADSP-2187LBST-160 Datasheet
223Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2187LBST-210 AD-ADSP-2187LBST-210 Datasheet
223Kb / 32P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2187LBSTZ-2102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com