Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-073A Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-073A
Description  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-073A Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-073A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Package Characteristics
Device
Parameter
Symbol HCPL- Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
3750
V rms
RH
≤ 50%,
3, 4
Withstand Voltage**
t = 1 min.,
Option 020
4701
5000
3, 4a
4731
Resistance
RI-O
1012
VI-O = 500 VDC
3
(Input-Output)
RH
≤ 45%
Capacitance
CI-O
0.6
pF
f = 1 MHz
3
(Input-Output)
Insulation Leakage
II-I
4731
0.005
µARH ≤ 45%, t = 5 s,
5
Current (Input-Input)
073A
VI-I = 500 VDC
Resistance (Input-Input)
RI-I
1011
Capacitance
CI-I
4731
0.03
pF
f = 1 MHz
5
(Input-Input)
073A
0.25
*All typical values at T
A = 25°C and VCC = 5 V.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics
Table (if applicable), your equipment level safety specification or Avago Application Note 1074 entitled “Optocoupler Input-Output
Endurance Voltage.”
Switching Specifications (AC)
Over Recommended Operating Conditions TA = 0°C to 70°C, VCC = 3 V to 18 V, unless otherwise specified.
Device
Parameter
Symbol
HCPL-
Min.
Typ.* Max. Units
Test Conditions
Fig. Note
Propagation
tPHL
65
500
µsI
F = 40 µA, RL = 11 to 16 kΩ,7, 9 9, 10
Delay Time
VCC = 3.3 to 5 V
325
TA = 25°C
IF = 0.5 mA,
30
Propagation
tPLH
70
500
µsI
F = 40 µA, RL = 11 to 16 kΩ,7, 9 9, 10
Delay Time
VCC = 3.3 to 5 V
34
60
TA = 25°C
IF = 0.5 mA,
4701/4731
90
070A/073A
130
Common Mode |CMH|1,000 10,000
V/
µsI
F = 0 mA, RL = 4.7 to 11 kΩ,8
6, 7
Transient
VCM = 10 Vp-p,
Immunity at
TA = 25°C,
Logic High
Output
Common Mode
|CML|1,000 10,000
V/
µsI
F = 0.5 mA, RL = 4.7 to 11 kΩ,8
6, 7
Transient
|VCM| = 10 Vp-p,
Immunity at
TA = 25°C
2,000
IF = 40 µA, RL = 11 to 16 kΩ,
|VCM| = 10 Vp-p
VCC = 3.3 to 5 V, TA = 25°C
*All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.
to Logic Low
at Output
RL = 4.7 kΩ
to Logic High
Output
RL = 4.7 kΩ
Logic Low
Output
TA = 25°C


Similar Part No. - HCPL-073A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-073A HP-HCPL-073A Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A AVAGO-HCPL-073A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
More results

Similar Description - HCPL-073A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com