Electronic Components Datasheet Search |
|
6000-0IA1-22001 Datasheet(PDF) 1 Page - Emcore Corporation |
|
6000-0IA1-22001 Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 6 page DATASHEET | NOVEMBER 2013 FIBER OPTICS | REV 2013.11 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Applications High-Performance Supertrunking Links High-Power Distribution Networks Redundant Ring Architectures FTTx Networks RF oG Applications Optimized for International CATV Systems DWDM Node Splitting Features Single or Dual Optical Outputs QAM Loading to 1003 MHz Dual Power Supplies, Redundant & Hot Swappable Front Panel RF Test Point Vacuum Fluorescent Status Display OMI / RF Gain Adjustment AGC Select: CW, Video, Manual (No AGC) Industry Leading Field Adjustable SBS Suppression The I-Type Medallion 6000 Series The I-Type Medallion 6000 series is a family of state-of-the-art high-performance 1550 nm externally-modulated CATV fiber optic transmitters optimized for International network applications that employ an 85 MHz forward / reverse path split frequency. Packaged in a convenient 1 RU housing, this line of optical transmitters couples high optical output power, up to 10.0 dBm, with low optical linewidth resulting in unmatched performance. The optical modulator, combined with proprietary pre-distortion circuitry, provides superior CTB and CSO performance with adjustable SBS suppression levels of greater than 19 dBm. The I-Type transmitter’s exceptional performance is enabled by EMCORE’s proprietary high power, narrow linewidth CW (Continuous Wave) laser technology. When deployed with one or more EMCORE optical amplifiers, transmissions of 150 km can be achieved. The feature-rich WEB GUI and SNMP interface bring a whole suite of advanced operator monitoring and configuration options to the platform, allowing for secure, simplified and future-ready functionality for the next generation of intelligent networks. Advanced features such as built-in field adjustable SBS control allow these transmitters to be quickly optimized in the field for any link or application without the need to procure specifically tuned transmitters. I-Type transmitters are specially designed and optimized to support fiber optic links of up to 150 km for the international marketplace and other markets with similar requirements. Monitoring and configuration is supported via a convenient front panel display, an RS-232 port, and an Ethernet port with SNMP, Telnet, and Web GUI. The platform is mechanically designed for flexibility and space efficiency including universal rack-mount features, modular front panel design, and optional front and rear port placement. Dual redundant field-replaceable fans and power supplies are standard. I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter |
Similar Part No. - 6000-0IA1-22001 |
|
Similar Description - 6000-0IA1-22001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |