Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDMGFTTX-S0034 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MWDMGFTTX-S0034
Description  Green FTTX 1310/1490/1550 WDM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MWDMGFTTX-S0034 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MWDMGFTTX-S0034 Datasheet HTML 1Page - OPLINK Communications Inc. MWDMGFTTX-S0034 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0034 - R06. (web) 20130520
Product Description
Features
MWDMGFTTX Series
Min
Typical
Max
Unit
Pass Channel Wavelength Range λ
P
1260 ~ 1360,
1480 ~ 1500
nm
Reflection Channel Wavelength Range λ
R
1550 ~ 1560
nm
Insertion Loss (Over all
wavelength range and
all temp,all SOP)
Pass Channel
0.7
0.8
dB
Reflect Channel
0.5
0.6
dB
Polarization Dependent Loss (PDL)
0.2
dB
Polarization Mode Dispersion
0.2
ps
Pass Channel Ripple
0.5
dB
Isolation
Add/Drop @ λR
40
dB
Express @ λP
25
dB
Directivity
50
dB
Return Loss
50
dB
Operating Power
300
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions
250 μm Bare Fiber
P1: (ø) 5.5(±0.2) x (L) 34.0(±1)
mm
900 μm Loose Tube
P2: (ø) 5.5(±0.2) x (L) 40.0 (±1)
Applications
Performance Specificationns
Note:
* All spec excluding connectors
** The maximum IL is under all states of polarization and within the full operating temperature and wave-
length ranges specified.
Green FTTX 1310/1490/1550 WDM (1x2)
MWDMGFTTX Series
Oplink’s FTTX 1310/1490/1550 WDM is based on patented athermal platform
for optical device.This multiplexer features ultra low insertion loss, super thermal
stability, and unparallel reliability.The technology is a lead-free packaging platform
and no epoxy in the optical path. Green OADM isTelcordia GR-1221and GR-1209
tested, qualified for uncontrolled environment applications and complied with in-
dustry green initiatives such as Rohs and WEEE.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to form
a full function module or subsystem.
Environmental Green Plan
Compliance
Ultra-low Insertion Loss
Narrow Down Distribution
Super Thermal Stability
High Channel Isolation
High Reliability
Epoxy-free Optical Path
WDM System for Metro/Access
Market
FTTX Application


Similar Part No. - MWDMGFTTX-S0034

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGFTTX OPLINK-MWDMGFTTX Datasheet
152Kb / 2P
   WDM (1x2)
MWDMGFTTXH0111 OPLINK-MWDMGFTTXH0111 Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTXH0112 OPLINK-MWDMGFTTXH0112 Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTXH0115 OPLINK-MWDMGFTTXH0115 Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
More results

Similar Description - MWDMGFTTX-S0034

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
logo
Bookham, Inc.
CB1SLU321553329 BOOKHAM-CB1SLU321553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
logo
OPLINK Communications I...
MWDMG1315-S0027 OPLINK-MWDMG1315-S0027 Datasheet
287Kb / 2P
   Green 1310/1550 nm Micro-Optic WDM
logo
JDS Uniphase Corporatio...
FFW-4CH11110 JDSU-FFW-4CH11110 Datasheet
124Kb / 3P
   Fused WDM, 1310/1550 nm
logo
OPLINK Communications I...
HWDMG13150011H OPLINK-HWDMG13150011H Datasheet
280Kb / 2P
   Green High Isolation 1310/1550 nm Micro-Optic WDM
HWDMG-S0016 OPLINK-HWDMG-S0016 Datasheet
287Kb / 2P
   Green High Isolation 1310/1550 nm Micro-Optic WDM
logo
JDS Uniphase Corporatio...
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
logo
OPLINK Communications I...
MWDMG0050-S0026 OPLINK-MWDMG0050-S0026 Datasheet
283Kb / 2P
   Green 1550 nm Micro-Optic WDM
MWDMG1598-S0030 OPLINK-MWDMG1598-S0030 Datasheet
284Kb / 2P
   Green 980/1550 nm Micro-Optic WDM
MWDMG1514-S0029 OPLINK-MWDMG1514-S0029 Datasheet
286Kb / 2P
   Green 1480/1550 nm Micro-Optic WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com