Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2D021001A00KSSD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MKS2D021001A00KSSD
Description  Metallized Polyester (PET) Capacitors in PCM 5 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKS2D021001A00KSSD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MKS2D021001A00KSSD Datasheet HTML 1Page - List of Unclassifed Manufacturers MKS2D021001A00KSSD Datasheet HTML 2Page - List of Unclassifed Manufacturers MKS2D021001A00KSSD Datasheet HTML 3Page - List of Unclassifed Manufacturers MKS2D021001A00KSSD Datasheet HTML 4Page - List of Unclassifed Manufacturers MKS2D021001A00KSSD Datasheet HTML 5Page - List of Unclassifed Manufacturers MKS2D021001A00KSSD Datasheet HTML 6Page - List of Unclassifed Manufacturers MKS2D021001A00KSSD Datasheet HTML 7Page - List of Unclassifed Manufacturers MKS2D021001A00KSSD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
129
D
Rights reserved to amend design data without prior notification.
Moulded versions.
* Tray-Packing-System
Samples and pre-production needs on request.
Packing Quantities for Bulk Capacitors and TPS*
PCM
Size
pcs. per packaging unit bulk
pcs. per packaging unit/TPS*
Mini
Standard
Maxi
Mini
Standard
W
H
L
Codes
M
S
G
X
Y
2.5 mm
2.5
7
4.6
0B
1000
5000
10 000
3
7.5
4.6
0C
1000
5000
10 000
3.8
8.5
4.6
0D
1000
5000
10 000
4.6
9
4.6
0E
1000
5000
10 000
5.5
10
4.6
0F
1000
5000
10 000
5 mm
2.5
6.5
7.2
1A
2000
5000
10 000
3
7.5
7.2
1B
1000
5000
3.5
8.5
7.2
1C
1000
5000
4.5
6
7.2
1D
1000
6000
4.5
9.5
7.2
1E
1000
4000
5
10
7.2
1F
1000
3500
5.5
7
7.2
1G
1000
4000
5.5
11.5
7.2
1H
500
2500
6.5
8
7.2
1I
1000
2500
7.2
8.5
7.2
1J
500
2500
7.2
13
7.2
1K
500
2000
8.5
10
7.2
1L
500
2000
8.5
14
7.2
1M
500
1500
11
16
7.2
1N
250
1000
7.5 mm
2.5
7
10
2A
1000
5000
3
8.5
10
2B
1000
5000
4
9
10
2C
1000
4000
4.5
9.5
10.3
2D
1000
3500
5
10.5
10.3
2E
1000
3000
5.7
12.5
10.3
2F
500
2000
7.2
12.5
10.3
2G
500
1500
10 mm
3
9
13
3A
1000
3000
4
8.5
13.5
FA
500
3000
4
9
13
3C
1000
3000
4
9.5
13
3D
1000
3000
5
10
13.5
FB
500
2000
5
11
13
3F
1000
3000
6
12
13
3G
800
2400
6
12.5
13
3H
800
2400
8
12
13
3I
500
2000
15 mm
5
11
18
4B
800
2400
5
13
19
FC
200
1000
6
12.5
18
4C
500
2000
6
14
19
FD
250
1000
7
14
18
4D
400
1600
7
15
19
FE
250
1000
8
15
18
4F
400
1200
8
17
19
FF
100
500
9
14
18
4H
400
1200
9
16
18
4J
300
900
10
18
19
FG
100
500
11
14
18
4M
300
1000
22.5 mm
5
14
26.5
5A
300
1200
6
15
26.5
5B
250
1000
7
16.5
26.5
5D
190
760
8
20
28
FH
125
500
8.5
18.5
26.5
5F
125
500
10
22
28
FI
90
540
10.5
19
26.5
5G
170
680
10.5
20.5
26.5
5H
170
680
11
21
26.5
5I
170
680
12
24
28
FJ
75
450
27.5 mm
9
19
31.5
6A
160
640
11
21
31.5
6B
136
544
13
24
31.5
6D
112
448
13
25
33
FK
56
336
15
26
31.5
6F
96
384
15
26
33
FL
48
288
17
29
31.5
6G
88
176
17
34.5
31.5
6I
88
176
20
32
33
FM
36
216
20
39.5
31.5
6J
36
144
37.5 mm
9
19
41.5
7A
60
480
11
22
41.5
7B
51
408
13
24
41.5
7C
84
252
15
26
41.5
7D
72
144
17
29
41.5
7E
66
132
19
32
41.5
7F
54
108
20
39.5
41.5
7G
27
108
24
45.5
41.5
7H
21
84


Similar Part No. - MKS2D021001A00KSSD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKS20FN128VFT12 NXP-MKS20FN128VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLH12 NXP-MKS20FN128VLH12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLL12 NXP-MKS20FN128VLL12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VXX12 NXP-MKS20FN128VXX12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN256VFT12 NXP-MKS20FN256VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
More results

Similar Description - MKS2D021001A00KSSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKS4G032205BSOKSSD ETC2-MKS4G032205BSOKSSD Datasheet
467Kb / 11P
   Metallized Polyester (PET) Capacitors PCM 7.5 mm to 37.5 mm
MKS3 ETC-MKS3 Datasheet
32Kb / 2P
   Metallized polyester capacitors in PCM 7.5 mm
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
Electronic Film Capacit...
1313TC EFC-1313TC Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com