Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2D036801F00KSSD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MKS2D036801F00KSSD
Description  Metallized Polyester (PET) Capacitors in PCM 5 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKS2D036801F00KSSD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MKS2D036801F00KSSD Datasheet HTML 1Page - List of Unclassifed Manufacturers MKS2D036801F00KSSD Datasheet HTML 2Page - List of Unclassifed Manufacturers MKS2D036801F00KSSD Datasheet HTML 3Page - List of Unclassifed Manufacturers MKS2D036801F00KSSD Datasheet HTML 4Page - List of Unclassifed Manufacturers MKS2D036801F00KSSD Datasheet HTML 5Page - List of Unclassifed Manufacturers MKS2D036801F00KSSD Datasheet HTML 6Page - List of Unclassifed Manufacturers MKS2D036801F00KSSD Datasheet HTML 7Page - List of Unclassifed Manufacturers MKS2D036801F00KSSD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
14
D
Recommendation for Processing
and Application of
Through-Hole Capacitors
Soldering Process
A preheating of through-hole WIMA
capacitors is allowed for temperatures
Tmax  100 ° C.
In practice a preheating duration of
t  5 min. has been proven to be best.
Single wave soldering
Soldering bath temperature: T  260 ° C
Immersion time:
t  5 sec
Double wave soldering
Soldering bath temperature: T  260 ° C
Immersion time:
2 x t  3 sec
Due to different soldering processes and
heat requirements the graphs are to be
regarded as a recommendation only.
2 s
3 s
30
60
90
120
150
180
210
240 sec]
[
t
T
260
240
220
200
180
160
140
120
100
80
60
40
20
[°C]
10 s
see detail-
enlargement
Wave soldering
Typical temperature/time graph for double wave soldering
WIMA Quality and Environmental Philosophy
ISO 9001:2000 Certification
ISO 9001:2000 is an international basic
standard of quality assurance systems for
all branches of industry. The approval
according to ISO 9001:2000 of our
factories by the VDE inspectorate certifies
that organisation, equipment and moni-
toring of quality assurance in our factories
correspond to internationally recognized
standards.
WIMA WPCS
The WIMA Process Control System (WPCS)
is a quality surveillance and optimization
system developed by WIMA. WPCS is a
major part of the quality-oriented WIMA
production. Points of application of WPCS
during production process:
incoming material inspection
metallization
film inspection
schoopage
pre-healing
lead attachment
cast resin preparation/
encapsulation
100% final inspection
AQL check
WIMA Environmental Policy
All WIMA capacitors, irrespective of
whether through-hole devices or SMD,
are made of environmentally friendly
materials. Neither during manufacture
nor in the product itself any toxic
substances are used, e.g.
– Lead
– PBB/PBDE
– PCB
– Arsenic
– CFC
– Cadmium
– Hydrocarbon chloride
– Mercury
– Chromium 6+
– etc.
We merely use pure, recyclable materials
for packing our components, such as:
carton
cardboard
adhesive tape made of paper
polystyrene
We almost completely refrain from using
packing materials such as:
foamed polystyrene (Styropor®)
adhesive tapes made of plastic
metal clips
RoHS Compliance
According to the RoHS Directive 2002/95/EC
certain hazardous substances like e.g. lead,
cadmium, mercury must not be used any
longer in electronic equipment as of July 1st,
2006. For the sake of the environment WIMA
has refraind from using such substances since
years already.
Tape for lead-free WIMA capacitors
DIN EN ISO 14001:2005
WIMA’s environmental management has
been established in accordance with the
guidelines of DIN EN ISO 14001:2005.
The certification has been granted in
June 2006.


Similar Part No. - MKS2D036801F00KSSD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKS20FN128VFT12 NXP-MKS20FN128VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLH12 NXP-MKS20FN128VLH12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLL12 NXP-MKS20FN128VLL12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VXX12 NXP-MKS20FN128VXX12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN256VFT12 NXP-MKS20FN256VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
More results

Similar Description - MKS2D036801F00KSSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKS4G032205BSOKSSD ETC2-MKS4G032205BSOKSSD Datasheet
467Kb / 11P
   Metallized Polyester (PET) Capacitors PCM 7.5 mm to 37.5 mm
MKS3 ETC-MKS3 Datasheet
32Kb / 2P
   Metallized polyester capacitors in PCM 7.5 mm
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
Electronic Film Capacit...
1313TC EFC-1313TC Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com