Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2D042201N00KSSD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MKS2D042201N00KSSD
Description  Metallized Polyester (PET) Capacitors in PCM 5 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKS2D042201N00KSSD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MKS2D042201N00KSSD Datasheet HTML 1Page - List of Unclassifed Manufacturers MKS2D042201N00KSSD Datasheet HTML 2Page - List of Unclassifed Manufacturers MKS2D042201N00KSSD Datasheet HTML 3Page - List of Unclassifed Manufacturers MKS2D042201N00KSSD Datasheet HTML 4Page - List of Unclassifed Manufacturers MKS2D042201N00KSSD Datasheet HTML 5Page - List of Unclassifed Manufacturers MKS2D042201N00KSSD Datasheet HTML 6Page - List of Unclassifed Manufacturers MKS2D042201N00KSSD Datasheet HTML 7Page - List of Unclassifed Manufacturers MKS2D042201N00KSSD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
35
Continuation
General Data
WIMA FKP 4
D
Capacitance
400 VDC/200 VAC*
630 VDC/220 VAC*
W
H
L
PCM**
Part number
W
H
L
PCM**
Part number
0.01 mF
2.5
6.5
7.2
5
MKS2G021001A00_ _ _ _
5.5
11.5
7.2
5
MKS2J021001H00_ _ _ _
0.015 „
2.5
6.5
7.2
5
MKS2G021501A00_ _ _ _
7.2
13
7.2
5
MKS2J021501K00_ _ _ _
0.022 „
3.5
8.5
7.2
5
MKS2G022201C00_ _ _ _
7.2
13
7.2
5
MKS2J022201K00_ _ _ _
0.033 „
4.5
9.5
7.2
5
MKS2G023301E00_ _ _ _
7.2
13
7.2
5
MKS2J023301K00_ _ _ _
0.047 „
4.5
9.5
7.2
5
MKS2G024701E00_ _ _ _
8.5
14
7.2
5
MKS2J024701M00_ _ _ _
0.068 „
5.5
11.5
7.2
5
MKS2G026801H00_ _ _ _
0.1
m
F
7.2
13
7.2
5
MKS2G031001K00_ _ _ _
0.15 „
8.5
14
7.2
5
MKS2G031501M00_ _ _ _
0.22 „
11
16
7.2
5
MKS2G032201N00_ _ _ _
* AC voltage: f = 50 Hz; 1.4 x Urms + UDC  Ur
** PCM = Printed circuit module = lead spacing.
Dims. in mm.
The values of the WIMA MKM 2 and
WIMA MKI 2 ranges according to the
main catalogue 2009 are still available
on request.
Rights reserved to amend design data without prior notification.
Permissible AC voltage in relation to
frequency at 10) C internal tempera-
ture rise (general guide).
WIMA MKS 2
Impedance change with frequency
(general guide).
Part number completion:
Tolerance:
20 % = M
10 % = K
5 % = J
Packing:
bulk = S
Lead length: 6-2 = SD
Taped version see page 127.


Similar Part No. - MKS2D042201N00KSSD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKS20FN128VFT12 NXP-MKS20FN128VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLH12 NXP-MKS20FN128VLH12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLL12 NXP-MKS20FN128VLL12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VXX12 NXP-MKS20FN128VXX12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN256VFT12 NXP-MKS20FN256VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
More results

Similar Description - MKS2D042201N00KSSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKS4G032205BSOKSSD ETC2-MKS4G032205BSOKSSD Datasheet
467Kb / 11P
   Metallized Polyester (PET) Capacitors PCM 7.5 mm to 37.5 mm
MKS3 ETC-MKS3 Datasheet
32Kb / 2P
   Metallized polyester capacitors in PCM 7.5 mm
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
Electronic Film Capacit...
1313TC EFC-1313TC Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com