Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBH1056N Datasheet(PDF) 5 Page - LUXPIA

Part # LBH1056N
Description  Specification for Approval
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LBH1056N Datasheet(HTML) 5 Page - LUXPIA

  LBH1056N_13 Datasheet HTML 1Page - LUXPIA LBH1056N_13 Datasheet HTML 2Page - LUXPIA LBH1056N_13 Datasheet HTML 3Page - LUXPIA LBH1056N_13 Datasheet HTML 4Page - LUXPIA LBH1056N_13 Datasheet HTML 5Page - LUXPIA LBH1056N_13 Datasheet HTML 6Page - LUXPIA LBH1056N_13 Datasheet HTML 7Page - LUXPIA LBH1056N_13 Datasheet HTML 8Page - LUXPIA LBH1056N_13 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4/15
(Ver 1.0)
6. Materials
item
material
LED chip
InGaN
wire
gold
lead frame
copper alloy/Ni/Ag plating
encapsulation
silicone
heat-resistant polymer
PPA
7. Taping
7.1. Tape (material : PS conductive, 104~105Ω)
(units : mm)


Similar Part No. - LBH1056N_13

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBH1000 LUXPIA-LBH1000 Datasheet
172Kb / 15P
   1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type SMD
LBH1000N LUXPIA-LBH1000N Datasheet
253Kb / 14P
   Specification for Approval
LBH1000N LUXPIA-LBH1000N_13 Datasheet
253Kb / 14P
   Specification for Approval
LBH1006 LUXPIA-LBH1006 Datasheet
197Kb / 14P
   Specification for Approval
LBH1025N LUXPIA-LBH1025N Datasheet
292Kb / 14P
   Specification for Approval
More results

Similar Description - LBH1056N_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com