Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWST50373AR010JBO1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RWST50373AR010JBO1
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST50373AR010JBO1 Datasheet(HTML) 2 Page - Vishay Siliconix

  RWST50373AR010JBO1 Datasheet HTML 1Page - Vishay Siliconix RWST50373AR010JBO1 Datasheet HTML 2Page - Vishay Siliconix RWST50373AR010JBO1 Datasheet HTML 3Page - Vishay Siliconix RWST50373AR010JBO1 Datasheet HTML 4Page - Vishay Siliconix RWST50373AR010JBO1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 50017
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 12-May-09
62
RWST
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
Vishay Sfernice
MECHANICAL SPECIFICATIONS
Mechanical Protection
Vitreous enamel
Resistive Element
Ni-Cr wire
Connections
CS supporting collars
AN Collar or B
on Request
Average Unit Weight
225 g to 2200 g
ENVIRONMENTAL SPECIFICATIONS
Temperature Limits
- 55 °C + 450 °C
Climatic Category
- 55 °C/+ 200 °C/56 days
DIMENSIONS in millimeters
RWST STYLE
25 x 138
25 x 168
30 x 250
40 x 370
50 x 373
Connections
AN-B
CS type 1
AN-B
CS type 1
AN-B
CS type 1
AN
CS type 2
AN
CS type 2
A ± 2
138
168
250
370
373
Ø B max.
28
28
33
45
53
Ø C min.
12
12
17
22
27.1
D
50 ± 1.5
50 ± 1.5
60 ± 1.5
69 max.
80 max.
E
27 ± 1
27 ± 1
30 ± 1
45 ± 1.5
51 ± 1.5
F ± 0.5
24
24
25
30
30
G - 4/+ 0
199
229
317
432
432
H - 4/+ 0
169
199
287
405
405
J ± 0.5
6.5
6.5
9
9
9
K
28.5 ± 1
28.5 ± 1
31 ± 1
45 ± 1.5
51 ± 1.5
L - 0/+ 0.5
9
9
13
18
18
N
117 ± 2
147 ± 2
227 ± 2
332 ± 3
332 ± 3
P
51 ± 1.5
51 ± 1.5
55 ± 1.5
81.5 max.
92.5 max.
Q - 0/+ 0.5
15
15
18
-
-
R - 0.3/+ 0.9
26
26
31
-
-
S max.
38.5
38.5
43.5
-
-
T ± 1
23.5
23.5
26
-
-
Ø U
5.7
5.7
5.7
9.2
9.2
V
33.5 ± 1
33.5 ± 1
36 ± 1
57 ± 1.5
63 ± 1.5
Z
6
6
5
10
11.5
Average unit
weight in g
(CS collars)
225
250
445
1400
2200
ELECTRICAL SPECIFICATIONS
Resistance Range
2.7
Ω to 430 kΩ
E12-E24 preferred series values)
Resistance Tolerance
Standard
± 5 %
Power Rating
95 W to 800 W at 25 °C
Temperature Coefficient
75 ppm/°C (typical)
Shelf Life
0.1 % year (typical)
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES AND
DRIFTS
Short Time Overload
10 Pr during 5 s
Voltage limited at < 5000 V
2 % or 0.05
Ω
0.5 %
Climatic Sequence
- 55 °C + 200 °C
2 % or 0.05
Ω
Insulation resistance 100 M
Ω
0.5 %
Humidity
(Steady State)
56 days
95 % relative humidity
3 % or 0.05
Ω
Insulation resistance 100 M
Ω
0.5 %
Thermal Shock
Load at 100 % Pr followed by cold
temperature exposure at - 55 °C/15'
2 % or 0.05
Ω
0.5 %
Shock
Severity 50 A
9 shocks/each side
1 % or 0.05
Ω
0.25 %
Vibration
Severity 55B
1 % or 0.05
Ω
0.25 %
Terminal Strength
AN
B
Traction 40 Ncm
Torque 60 Ncm
1 % or 0.05
Ω
0.5 %
Load Life
90'/30' cycle
1000 h at Pr 25 °C
5 %
1000 h
1 %
5000 h
2 %


Similar Part No. - RWST50373AR010JBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST50X373NICS VISHAY-RWST50X373NICS Datasheet
209Kb / 3P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision 13-Jan-04
More results

Similar Description - RWST50373AR010JBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST VISHAY-RWST Datasheet
209Kb / 3P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision 13-Jan-04
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com