Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ456EP-T1-GE3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQJ456EP-T1-GE3
Description  Automotive N-Channel 100 V (D-S) 175 째C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ456EP-T1-GE3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SQJ456EP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SQJ456EP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SQJ456EP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SQJ456EP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SQJ456EP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SQJ456EP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SQJ456EP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SQJ456EP
www.vishay.com
Vishay Siliconix
S11-2288-Rev. F, 28-Nov-11
6
Document Number: 65279
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65279.
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Single Pulse
0.02
0.05


Similar Part No. - SQJ456EP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ456EP VISHAY-SQJ456EP Datasheet
159Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQJ456EP VISHAY-SQJ456EP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
More results

Similar Description - SQJ456EP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJQ112ER VISHAY-SQJQ112ER Datasheet
169Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
SQJ110EP VISHAY-SQJ110EP Datasheet
185Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V01 Datasheet
166Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ402EP VISHAY-SQJ402EP_V01 Datasheet
197Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQR40N10-25 VISHAY-SQR40N10-25_V01 Datasheet
209Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQR70090ELR VISHAY-SQR70090ELR_V01 Datasheet
260Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ488EP VISHAY-SQJ488EP_V01 Datasheet
242Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQSA12CENW VISHAY-SQSA12CENW Datasheet
268Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
SQP120N10-3M8 VISHAY-SQP120N10-3M8 Datasheet
140Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com