Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0S04-11001 Datasheet(PDF) 7 Page - Emcore Corporation

Part # 6000-0S04-11001
Description  Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0S04-11001 Datasheet(HTML) 7 Page - Emcore Corporation

  6000-0S04-11001 Datasheet HTML 1Page - Emcore Corporation 6000-0S04-11001 Datasheet HTML 2Page - Emcore Corporation 6000-0S04-11001 Datasheet HTML 3Page - Emcore Corporation 6000-0S04-11001 Datasheet HTML 4Page - Emcore Corporation 6000-0S04-11001 Datasheet HTML 5Page - Emcore Corporation 6000-0S04-11001 Datasheet HTML 6Page - Emcore Corporation 6000-0S04-11001 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Model Number Information (note 3)
6000 –
□ □ □ □ - □ □ □ □ □
Logo &
Customer
Specific
Link type
Pout (dBm min)
Note 1
Loading Type
Optics
RF
Wavelength
(nm)
Power Supply
0 –
EMCORE
Logo
D – 40 km
0 – for D, and F-Types
1 – NTSC (80-ch)
1 – SC/APC, Rear
1 – RF
IN Rear,
TP Front
00 –1555+/-
5.0nm
1 – AC primary,
no secondary
1 – no Logo
S – 65 km
A – 7.0/7.0 for S-Type
2 – PAL
(60-ch)
2 – FC/APC, Rear
2 – RF
IN Front,
TP Front
01 – 1550+/-
5.0nm
2 – DC primary,
no secondary
B – 8.0/8.0 for S-Type
3 – NTSC (110-ch)
3 – E2000/APC,
Rear
3 – RF
IN Front,
TP Rear
xx – ITU
Channel +/-
0.1nm
Note 2
3 – AC primary,
AC secondary
F – FTTx
SBS 20 dBm
C – 10.0 for S-Type
4 – PAL (89-ch)
4 – SC/APC,
Front
4 – RF
IN Rear,
TP Rear
4 – AC primary,
DC secondary
L – 25 km
D- 10/10 for S & L-Type
Note 4
5 – Not Used
5 – FC/APC, Front
5 – DC primary,
DC secondary
N – 40 km
E – 8.5/8.5 for L Type
6 – CENELEC (42-
ch)
Note 5
6 – E2000/APC,
Front
Note 1: Options available for Indicated Types only.
Note 2: ITU grid wavelengths can be specified from channel 18 to 40.
Note 3: Not all configurations are available, contact factory.
Note 4: Available for S and L Links. CSO port 2 degraded by 1dB for Channel Loads 1 and 2, CSO port 2 degraded by 2 dB for Channel
Loads 3 and 4.
Note 5: Contact Factory for Model type availability
Additional Kits
G3708-006-001 - Replaceable AC power supply modules
G3708-005-001 - Replaceable DC power supply modules
G7914-076-001 - Replaceable Blank power module plate
G3906-008-001 - Replaceable fans
Medallion 6000 Series 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0S04-11001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0S01-11001 EMCORE-6000-0S01-11001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
6000-0S03-11001 EMCORE-6000-0S03-11001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
6000-0S03-44001 EMCORE-6000-0S03-44001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
6000-0S05-13001 EMCORE-6000-0S05-13001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
6000-0S05-62001 EMCORE-6000-0S05-62001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
More results

Similar Description - 6000-0S04-11001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
8000-U EMCORE-8000-U Datasheet
750Kb / 8P
   Medallion 8000 Series 1550 nm Directly-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com