Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2522A-SF-AC-SA Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2522A-SF-AC-SA
Description  Microwave Packaged Photodiode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2522A-SF-AC-SA Datasheet(HTML) 2 Page - Emcore Corporation

  2522A-SF-AC-SA_13 Datasheet HTML 1Page - Emcore Corporation 2522A-SF-AC-SA_13 Datasheet HTML 2Page - Emcore Corporation 2522A-SF-AC-SA_13 Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROWAVE
DATASHEET | JUNE 2013
© 2013 EMCORE Corporation
| REV 2013.06
626-293-3400
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operation-
al sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Symbol
Min
Max
Units
Storage Case Temperature Range
T
STG
-40
85
˚C
Forward Current
I
F
-
5
mA
Reverse Bias Voltage
V
R
-
15
V
Lead Soldering Temperature/Time
-
-
250/5
˚C/sec
Relative Humidity (non-condensing)
RH
-
85
%
Parameter
Symbol
Condition
Min
Typical
Max
Units
Operating Temperature
T
OP
Referenced to base of package
-40
25
85
˚C
Bias Voltage
V
R
-
-
5
12
V
Capacitance
C
-
-
-
0.15
pF
Optical Input
-
-
10
dBm
Responsivity
R
1310 / 1550 nm
0.7
-
-
A/W
Dark Current
I
DARK
25°C
85°C
-
-
-
-
5
50
nA
Optical Return Loss
ORL
-
-
-
-40
dB
Wavelength
λ
-
1280
-
1580
nm
Electrical/Optical Characteristics
Parameter
Symbol
Condition
Min
Typical
Max
Units
Bandwidth
AC Coupled
DC Coupled
f
2522A
2522B
2522C
2522A
2522B
2522C
0.05
0.05
0.05
0.01
0.01
0.01
-
-
-
-
-
-
10
20
22
10
20
22
GHz
Impedance
Z
Resistively matched SMA connector
-
50
-
Ohm
Flatness - AC Coupled
Flatness - DC Coupled
S21
50 MHz – 10 GHz
50 MHz – 20 GHz (B & C only)
50 MHz – 22 GHz (C only)
10 MHz – 10 GHz
10 MHz – 20 GHz (B & C only)
10 MHz – 22 GHz (C only)
-
-
-
-
-
-
2
3
4
2
3
4
4
5
6
4
5
6
dB p-p
Return Loss
RL
8
12
-
dB
Group Delay Flatness 2
GD
-
< 40
-
ps, p-p
RF Characteristics
1. Specified characteristics apply for the recommended operating conditions at beginning of life, 25°C, unless noted otherwise.
2. 5% smoothing.
2522 Microwave Packaged Photodiode


Similar Part No. - 2522A-SF-AC-SA_13

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2522A-SF-AC-SA EMCORE-2522A-SF-AC-SA Datasheet
100Kb / 3P
   Microwave Packaged Photodiode
More results

Similar Description - 2522A-SF-AC-SA_13

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
25221 EMCORE-25221 Datasheet
587Kb / 3P
   Microwave Packaged Photodiode
2522A-SF-AC-SA EMCORE-2522A-SF-AC-SA Datasheet
100Kb / 3P
   Microwave Packaged Photodiode
10458C-SA EMCORE-10458C-SA Datasheet
75Kb / 2P
   PIN Microwave Photodiode Receiver
logo
Skyworks Solutions Inc.
APN1001 SKYWORKS-APN1001 Datasheet
195Kb / 5P
   Circuit Models for Plastic Packaged Microwave Diodes
logo
United Monolithic Semic...
AN0017 UMS-AN0017 Datasheet
1Mb / 32P
   Application Note for Molded Plastic QFN Packages GaAs Monolithic Packaged Microwave IC
logo
M/A-COM Technology Solu...
XF1001-SC MA-COM-XF1001-SC_15 Datasheet
678Kb / 7P
   Packaged HFETPage
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
   Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
   Photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com