Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0JD1-41002 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 6000-0JD1-41002
Description  J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0JD1-41002 Datasheet(HTML) 3 Page - Emcore Corporation

  6000-0JD1-41002 Datasheet HTML 1Page - Emcore Corporation 6000-0JD1-41002 Datasheet HTML 2Page - Emcore Corporation 6000-0JD1-41002 Datasheet HTML 3Page - Emcore Corporation 6000-0JD1-41002 Datasheet HTML 4Page - Emcore Corporation 6000-0JD1-41002 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical Specifications
Property
Requirement
Comments
CATV Nominal Input Power
23 dBmV/ch (84 dBuV/ch)
18 dBmV/ch (78 dBuV/ch)
19 dBmV/ch (79 dBuV/ch)
20 NTSC channels + 60 QAM at -10 dB
80 NTSC channels
60 PAL channels
CATV Composite Level
-11.7 dBm
0 dB on FP Display (All Channel Plans)
CATV Input Range
+2/-8 dB from nominal input
Optimal performance at nominal input
CATV RF Gain / OMI Adjustment Range
+2/-8 dB from nominal setting
CATV Performance may vary slightly over
range
CATV Frequency Range
45 MHz – 1003 MHz
CATV Flatness
+/- 0.50 dB
45 MHz – 550 MHz
+/- 0.75 dB
45 MHz – 1003 MHz
CATV Input impedance
75
Ω
CATV Input Return Loss
16 dB min
45 MHz – 1003 MHz
CATV Front Panel RF Tap
-20 +/- 1 dB down from RF input
CATV Front Panel RF Tap Flatness
+/- 1 dB
45 MHz – 1003 MHz
SAT Nominal Input Power
27 dBmV/ch (87 dBuV/ch)
36 QPSK SAT-IF channels
SAT Input Range
22 – 32 dBmV/ch (82 – 92 dBuV/ch)
Optimum performance at nominal input
SAT Composite Level
-6.2 dBm
0 dB on FP Display
SAT-IF RF Gain / OMI Adjustment Range
+5 / -5 dB from nominal setting
CATV Performance can vary slightly
SAT-IF Frequency Range
950 MHz – 2800 MHz
SAT-IF Flatness
+/- 2 dB
SAT-IF Input impedance
75
Ω
SAT-IF Input Return Loss
10 dB min
950 MHz – 2800 MHz
SAT-IF Front Panel RF Tap
7 +/- 2.5 dBmV/Ch at Nominal OMI/ch
SAT-IF Front Panel RF Tap Flatness
+/- 1 dB
950 MHz – 2800 MHz
General and Mechanical Specifications
Property
Requirement
Comments
Wavelength
1555+/-5 nm
Various Options + ITU-grid available – see
Model Number Information
Channel Plan
Various – See Specification Tables
Optical Connector
SC/APC
Other styles available
Monitoring Interfaces
100 Base-T Ethernet (SNMP)
Rear Panel RS-232 interface
VFD Screen Front Panel Controls
VFD- (Vacuum Fluorescent Display)
Operating Temperature
0
°C to 50°C
Storage Temperature
-20
°C to 70°C
Power Consumption
65 W max
J-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0JD1-41002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0JD1-41002 EMCORE-6000-0JD1-41002 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
More results

Similar Description - 6000-0JD1-41002

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
8000-U EMCORE-8000-U Datasheet
750Kb / 8P
   Medallion 8000 Series 1550 nm Directly-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com