Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ2108DEBG-GN-F Datasheet(PDF) 4 Page - Elpida Memory

Part # EDJ2108DEBG-GN-F
Description  2G bits DDR3 SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ2108DEBG-GN-F Datasheet(HTML) 4 Page - Elpida Memory

  EDJ2108DEBG-GN-F Datasheet HTML 1Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 2Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 3Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 4Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 5Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 6Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 7Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 8Page - Elpida Memory EDJ2108DEBG-GN-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
EDJ2108DEBG, EDJ2116DEBG
Data Sheet E1712E60 (Ver. 6.0)
4
Pin Configurations (
× 16 configuration)
/xxx indicates active low signal.
Notes: 1.
Not internally connected with die.
2.
Input only pins (address, command, CKE, ODT and /RESET) do not supply termination.
Pin name
Function
Pin name
Function
A0 to A13*
2
Address inputs
A10(AP): Auto precharge
A12(/BC): Burst chop
/RESET*
2
Active low asynchronous reset
BA0 to BA2*
2
Bank select
VDD
Supply voltage for internal circuit
DQU0 to DQU7
DQL0 to DQL7
Data input/output
VSS
Ground for internal circuit
DQSU, /DQSU
DQSL, /DQSL
Differential data strobe
VDDQ
Supply voltage for DQ circuit
/CS*
2
Chip select
VSSQ
Ground for DQ circuit
/RAS, /CAS, /WE*
2
Command input
VREFDQ
Reference voltage for DQ
CKE*
2
Clock enable
VREFCA
Reference voltage for CA
CK, /CK
Differential clock input
ZQ
Reference pin for ZQ calibration
DMU, DML
Write data mask
NC*
1
No connection
ODT*
2
ODT control
A
B
C
D
E
F
G
H
J
K
L
VDDQ
1
VDDQ
VSS
NC
2
VDD
VSS
VSSQ
DQU3
VDDQ
VSSQ
VSSQ
VSS
3
DQU7
DQU5
DQU1
DMU
DQL0
VDD
/CAS
/RAS
7
DQU4
/DQSU
DQSU
DQU0
DML
/CK
8
VDDQ
DQU6 VSSQ
DQU2
VSSQ
VDD
VSSQ
VDD
M
N
P
T
VSS /RESET A13
NC
NC
A8
9
VSS
VDDQ
VDDQ DQL2
DQL6
VSSQ
VDDQ
VREFDQ
DQSL
/DQSL
DQL4
DQL1
VDD
DQL3
VSS
VSSQ
DQL7
DQL5 VDDQ
VSSQ
VDDQ
CK
VSS
NC
VDD
BA0
A3
A5
BA2
A0
A2
A12(/BC)
A1
VREFCA
BA1
A4
VSS
VSS
(Top view)
96-ball FBGA
/CS
/WE
ODT
VSS
VSS
R
A7
A9
A11
A6
VDD
VDD
A10(AP)
VSS
VDD
NC
ZQ
NC
CKE


Similar Part No. - EDJ2108DEBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2108DEBG-GN-F ELPIDA-EDJ2108DEBG-GN-F Datasheet
565Kb / 33P
   Differential clock inputs
More results

Similar Description - EDJ2108DEBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com