Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ1108DJBG-DJ-F Datasheet(PDF) 3 Page - Elpida Memory

Part # EDJ1108DJBG-DJ-F
Description  1G bits DDR3 SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1108DJBG-DJ-F Datasheet(HTML) 3 Page - Elpida Memory

  EDJ1108DJBG-DJ-F Datasheet HTML 1Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 2Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 3Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 4Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 5Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 6Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 7Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 8Page - Elpida Memory EDJ1108DJBG-DJ-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
EDJ1108DJBG, EDJ1116DJBG
Data Sheet E1729E30 (Ver. 3.0)
3
Pin Configurations
Pin Configurations (
×8 configuration)
/xxx indicates active low signal.
Notes: 1.
Not internally connected with die.
2.
Don't connect. Internally connected.
3.
Input only pins (address, command, CKE, ODT and /RESET) do not supply termination.
Pin name
Function
Pin name
Function
A0 to A13*
3
Address inputs
A10(AP): Auto precharge
A12(/BC): Burst chop
/RESET*
3
Active low asynchronous reset
BA0 to BA2*
3
Bank select
VDD
Supply voltage for internal circuit
DQ0 to DQ7
Data input/output
VSS
Ground for internal circuit
DQS, /DQS
Differential data strobe
VDDQ
Supply voltage for DQ circuit
TDQS, /TDQS
Termination data strobe
VSSQ
Ground for DQ circuit
/CS*
3
Chip select
VREFDQ
Reference voltage for DQ
/RAS, /CAS, /WE*
3
Command input
VREFCA
Reference voltage for CA
CKE*
3
Clock enable
ZQ
Reference pin for ZQ calibration
CK, /CK
Differential clock input
NC*
1
No connection
DM
Write data mask
NU*
2
Not usable
ODT*
3
ODT control
VSS
VDD
1
VDDQ
VSS
VSS
2
VSSQ
DQ0
VSS
DQ2
DQ6
VSSQ
VDDQ
VREFDQ
VSS
VDD
/CS
BA0
A7
/RESET
NC
NC
VDD
3
NC
DQS
/DQS
DQ4
/RAS
/CAS
/WE
BA2
A9
A13
7
NU/(/TDQS)
DM/TDQS
DQ1
VDD
DQ7
CK
/CK
A10(AP)
NC
A11
NC
8
VSS
VSSQ VDDQ
VSSQ
DQ3
VSS
DQ5
VSS
VDD
ZQ
VREFCA
A6
A8
CKE
VSS
VSS
9
VDD
VSSQ
VDDQ
NC
VDD
(Top view)
78-ball FBGA
ODT
NC
A
B
C
D
E
F
G
H
J
A3
VDD
A0
A12(/BC) BA1
VDD
A5
VSS
A2
A1
A4
VSS
K
L
M
N


Similar Part No. - EDJ1108DJBG-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108DJBG-DJ-F ELPIDA-EDJ1108DJBG-DJ-F Datasheet
448Kb / 33P
   Differential clock inputs
More results

Similar Description - EDJ1108DJBG-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BASE ELPIDA-EDJ1104BASE Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFSE ELPIDA-EDJ1104BFSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1108BABG ELPIDA-EDJ1108BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com