Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE2108AEBG-8E-F Datasheet(PDF) 9 Page - Elpida Memory

Part # EDE2108AEBG-8E-F
Description  2G bits DDR2 SDRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2108AEBG-8E-F Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDE2108AEBG-8E-F Datasheet HTML 5Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 6Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 7Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 8Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 9Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 10Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 11Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 12Page - Elpida Memory EDE2108AEBG-8E-F Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
EDE2108AEBG
Data Sheet E1950E11 (Ver.1.1)
9
Parameter
Symbol
Grade
max.
Unit
Test condition
Self-refresh current
IDD6*
7
12
mA
Self-Refresh Mode;
CK and /CK at 0V;
CKE
0.2V;
Other control and address bus inputs are FLOATING;
Data bus inputs are FLOATING
Operating current
(Bank interleaving)
IDD7
170
mA
all bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = tRCD (IDD)
1
tCK (IDD);
tCK = tCK (IDD), tRC = tRC (IDD), tRRD = tRRD (IDD),
tFAW = tFAW (IDD), tRCD = 1
tCK (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are STABLE during DESELECTs;
Data pattern is same as IDD4W;
Notes: 1. IDD specifications are tested after the device is properly initialized.
2. Input slew rate is specified by AC Input Test Condition.
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, /DQS, RDQS and /RDQS.
IDD values must be met with all combinations of EMRS bits 10 and 11.
5. Definitions for IDD
L is defined as VIN
VIL (AC) (max.)
H is defined as VIN
VIH (AC) (min.)
STABLE is defined as inputs stable at an H or L level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as:
inputs changing between H and L every other clock cycle (once per two clocks) for address and control
signals, and inputs changing between H and L every other data transfer (once per clock) for DQ signals
not including masks or strobes.
6. Refer to AC Timing for IDD Test Conditions.
7. IDD6 will increase by 80% if TC
≥ +85°C and high temperature self-refresh rate option is enabled.


Similar Part No. - EDE2108AEBG-8E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
More results

Similar Description - EDE2108AEBG-8E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
E1712E60 ELPIDA-E1712E60_13 Datasheet
404Kb / 33P
   2G bits DDR3 SDRAM
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com