Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ2116EEBG-DJ-F Datasheet(PDF) 6 Page - Elpida Memory

Part # EDJ2116EEBG-DJ-F
Description  2G bits DDR3L SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ2116EEBG-DJ-F Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDJ2116EEBG-DJ-F Datasheet HTML 2Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 3Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 4Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 5Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 6Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 7Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 8Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 9Page - Elpida Memory EDJ2116EEBG-DJ-F Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
EDJ2108EEBG, EDJ2116EEBG
Data Sheet E1750E31 (Ver. 3.1)
6
1.
Electrical Conditions
• All voltages are referenced to VSS (GND)
• Execute power-up and Initialization sequence before proper device operation is achieved.
1.1
Absolute Maximum Ratings
Notes: 1.
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2.
Storage temperature is the case surface temperature on the center/top side of the DRAM.
3.
VDD and VDDQ must be within 300mV of each other at all times; and VREF must be no greater than 0.6
× VDDQ, When
VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
Caution:
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
1.2
Operating Temperature Condition
Notes: 1.
Operating temperature is the case surface temperature on the center/top side of the DRAM.
2.
The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. During
operation, the DRAM case temperature must be maintained between 0
°C to +85°C under all operating conditions.
3.
Some applications require operation of the DRAM in the Extended Temperature Range between +85
°C and +95°C case
temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a) Refresh commands must be doubled in frequency, therefore reducing the refresh interval tREFI to 3.9
µs. (This double
refresh requirement may not apply for some devices.)
b) If Self-refresh operation is required in the Extended Temperature Range, then it is mandatory to either use the Manual
Self-Refresh mode with Extended Temperature Range capability (MR2 bit [A6, A7] = [0, 1]) or enable the optional Auto
Self-Refresh mode (MR2 bit [A6, A7] = [1, 0]).
Table 1: Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Notes
Power supply voltage
VDD
−0.4 to +1.975
V
1, 3
Power supply voltage for output
VDDQ
−0.4 to +1.975
V
1, 3
Input voltage
VIN
−0.4 to +1.975
V
1
Output voltage
VOUT
−0.4 to +1.975
V
1
Reference voltage
VREFCA
−0.4 to 0.6 × VDD
V
3
Reference voltage for DQ
VREFDQ
−0.4 to 0.6 × VDDQ
V
3
Storage temperature
Tstg
−55 to +100
°C1, 2
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Table 2: Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Notes
Operating case temperature
TC
0 to +95
°C
1, 2, 3


Similar Part No. - EDJ2116EEBG-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2116EEBG-DJ-F ELPIDA-EDJ2116EEBG-DJ-F Datasheet
606Kb / 32P
   Differential clock inputs
More results

Similar Description - EDJ2116EEBG-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
E1922E20 ELPIDA-E1922E20 Datasheet
426Kb / 29P
   4G bits DDR3L SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
E1712E60 ELPIDA-E1712E60_13 Datasheet
404Kb / 33P
   2G bits DDR3 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDJ8216E5MB ELPIDA-EDJ8216E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com