Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5223B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N5223B
Description  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5223B Datasheet(HTML) 2 Page - Vishay Siliconix

  1N5223B Datasheet HTML 1Page - Vishay Siliconix 1N5223B Datasheet HTML 2Page - Vishay Siliconix 1N5223B Datasheet HTML 3Page - Vishay Siliconix 1N5223B Datasheet HTML 4Page - Vishay Siliconix 1N5223B Datasheet HTML 5Page - Vishay Siliconix 1N5223B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5221B to 1N5267B
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 06-May-13
2
Document Number: 85588
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Based on DC measurement at thermal equilibrium; lead length = 9.5 (3/8"); thermal resistance of heat sink = 30 K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC RESISTANCE
f = 1 kHz
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 (1)
ZZK at IZT2
VZ
V
mA
μA
V
%/K
NOM.
MAX.
MAX.
MAX.
TYP.
1N5221B
2.4
20
0.25
100
1
30
1200
- 0.085
1N5222B
2.5
20
0.25
100
1
30
1250
- 0.085
1N5223B
2.7
20
0.25
75
1
30
1300
- 0.08
1N5224B
2.8
20
0.25
75
1
30
1400
- 0.08
1N5225B
3
20
0.25
50
1
29
1600
- 0.075
1N5226B
3.3
20
0.25
25
1
28
1600
- 0.07
1N5227B
3.6
20
0.25
15
1
24
1700
- 0.065
1N5228B
3.9
20
0.25
10
1
23
1900
- 0.06
1N5229B
4.3
20
0.25
5
1
22
2000
0.055
1N5230B
4.7
20
0.25
5
2
19
1900
0.03
1N5231B
5.1
20
0.25
5
2
17
1600
0.03
1N5232B
5.6
20
0.25
5
3
11
1600
0.038
1N5233B
6
20
0.25
5
3.5
7
1600
0.038
1N5234B
6.2
20
0.25
5
4
7
1000
0.045
1N5235B
6.8
20
0.25
3
5
5
750
0.05
1N5236B
7.5
20
0.25
3
6
6
500
0.058
1N5237B
8.2
20
0.25
3
6.5
8
500
0.062
1N5238B
8.7
20
0.25
3
6.5
8
600
0.065
1N5239B
9.1
20
0.25
3
7
10
600
0.068
1N5240B
10
20
0.25
3
8
17
600
0.075
1N5241B
11
20
0.25
2
8.4
22
600
0.076
1N5242B
12
20
0.25
1
9.1
30
600
0.077
1N5243B
13
9.5
0.25
0.5
9.9
13
600
0.079
1N5244B
14
9
0.25
0.1
10
15
600
0.082
1N5245B
15
8.5
0.25
0.1
11
16
600
0.082
1N5246B
16
7.8
0.25
0.1
12
17
600
0.083
1N5247B
17
7.4
0.25
0.1
13
19
600
0.084
1N5248B
18
7
0.25
0.1
14
21
600
0.085
1N5249B
19
6.6
0.25
0.1
14
23
600
0.086
1N5250B
20
6.2
0.25
0.1
15
25
600
0.086
1N5251B
22
5.6
0.25
0.1
17
29
600
0.087
1N5252B
24
5.2
0.25
0.1
18
33
600
0.088
1N5253B
25
5
0.25
0.1
19
35
600
0.089
1N5254B
27
4.6
0.25
0.1
21
41
600
0.09
1N5255B
28
4.5
0.25
0.1
21
44
600
0.091
1N5256B
30
4.2
0.25
0.1
23
49
600
0.091
1N5257B
33
3.8
0.25
0.1
25
58
700
0.092
1N5258B
36
3.4
0.25
0.1
27
70
700
0.093
1N5259B
39
3.2
0.25
0.1
30
80
800
0.094
1N5260B
43
3
0.25
0.1
33
93
900
0.095
1N5261B
47
2.7
0.25
0.1
36
105
1000
0.095
1N5262B
51
2.5
0.25
0.1
39
125
1100
0.096
1N5263B
56
2.2
0.25
0.1
43
150
1300
0.096
1N5264B
60
2.1
0.25
0.1
46
170
1400
0.097
1N5265B
62
2
0.25
0.1
47
185
1400
0.097
1N5266B
68
1.8
0.25
0.1
52
230
1600
0.097
1N5267B
75
1.7
0.25
0.1
56
270
1700
0.098


Similar Part No. - 1N5223B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5223B VISHAY-1N5223B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5223B VISHAY-1N5223B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5223B MCC-1N5223B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Yea Shin Technology Co....
1N5223B YEASHIN-1N5223B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5223B FAIRCHILD-1N5223B Datasheet
193Kb / 4P
   Zeners
More results

Similar Description - 1N5223B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com