Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56A36-01-1-10N-F Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 56A36-01-1-10N-F
Description  Single Deck Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

56A36-01-1-10N-F Datasheet(HTML) 3 Page - Grayhill, Inc

  56A36-01-1-10N-F Datasheet HTML 1Page - Grayhill, Inc 56A36-01-1-10N-F Datasheet HTML 2Page - Grayhill, Inc 56A36-01-1-10N-F Datasheet HTML 3Page - Grayhill, Inc 56A36-01-1-10N-F Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Single Deck Rotary Switches
SHAFT AND PANEL SEAL: Style S
SCREWDRIVER SLOTTED SHAFT: Option
ADJUSTABLE STOP SWITCHES
SUGGESTED ADJUSTABLE STOP SUBSTITUTION GUIDE
Fixed Stop
Adjustable Stop
Fixed Stop
Adjustable Stop
Style
Style Equivalent
Style
Style Equivalent
56A
56D
56B
56BD
56S
56SD
56BS
56BSD
56P
56DP
56BP
56BDP
56SP
56SDP
56BSP
56BSDP
ADJUSTABLE
STOP PINS
ADJUSTABLE
STOP PINS
REMOVABLE
STICKER FOR
ADJUSTMENT
OF STOPS
REMOVABLE
SEAL WASHER
FOR ADJUSTMENT
OF STOPS
Panel is sealed by an O-ring at
the base of bushing. Shaft is
sealed by an O-ring inside the
bushing. After the switch is
mounted, seals do not alter the
dimensions of the unsealed
style.
Series 56 rotary switches are
available with a screwdriver
slotted shaft with dimensions
as shown. Available in the
styles, angles of throw and pole/
positions combinations shown
in the choice and limitations
chart.
SEAL
Two stop pins and an adhesive backed sticker
or seal washer are provided. Sticker is
temporarily removed to locate stop pins as
desired to limit the shaft rotation. All dimensions
are identical to the fixed stop switch counterpart.
In Inches (and millimeters)
Cut round hole for the bushing and for the
non-turn tab. Washer fits the double D
bushing flats. Washer is sold only when
accompanied by an order for a like number
of switches. Washer is 302 stainless steel.
Part No. 50J1066
ACCESSORY: Non-Turn Washer
C
L
.250 ± .003
(6,35 ± 0,08)
.060 ± .001
(1,52 ± 0,25)
.400
± .005
DIA.
(10,16
± 0,13)
90° ± 1°
.125
± .005
(3,16
± 0,13)
.015
(0,38)
RADIUS
MAX.
.025
± .001
(0,64
± 0,03)
Adjustable
Stop
Screwdriver
Slotted Shaft
Shaft and
Panel Seal
A
.032 ± .005
(0,81 ± 0,13)
.125 ± .015
(3,18 ± 0,38)
.050 ± .005
(1,27 ± 0,13)
J-24


Similar Part No. - 56A36-01-1-10N-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
More results

Similar Description - 56A36-01-1-10N-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
50M45-01-1-02N GRAYHILL-50M45-01-1-02N Datasheet
582Kb / 7P
   Single Deck Rotary Switches
77-SERIES GRAYHILL-77-SERIES Datasheet
1Mb / 5P
   Single Deck Rotary Switches
71C2054 GRAYHILL-71C2054 Datasheet
49Kb / 1P
   Multi-Deck Rotary Switches
71ADF36-02-2-AJN GRAYHILL-71ADF36-02-2-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
57HS22-05-1-16N-C GRAYHILL-57HS22-05-1-16N-C Datasheet
152Kb / 4P
   Multi-Deck Rotary Switches
71BD30-05-1-AJN GRAYHILL-71BD30-05-1-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71BDF30-02PAJN GRAYHILL-71BDF30-02PAJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com