Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPV3GELRI000E2G Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRPV3GELRI000E2G
Description  Video 1310nm SFP Optical Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPV3GELRI000E2G Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRPV3GELRI000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPV3GELRI000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPV3GELRI000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPV3GELRI000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPV3GELRI000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TRPV3GELRx000E2G
Oplink Communications, Inc
S0189. Rev.03. (web) 2012-05-10
3
Electrical Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics
Timing Specifications
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety:
All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They
must be operated under specified operating
conditions.
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX Disable
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
VeeTX
VccTX
VccRX
VeeRX
RD+ (RX DATA OUT+)
RD- (RX DATA OUT-)
VeeRX
Top of Board
1
2
3
4
5
6
7
8
9
10
VeeTX
TX Fault
NO CONNECTION
VeeTX
I2C CLK
I2C DATA
VeeRX
RX LOS
NO CONNECTION
NO CONNECTION
Bottom of Board
(as viewed thru top of board)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Input Voltage Swing
V
PP-DIFF
550
-
850
mV
Output Rise and Fall time 20% to 80%
tr, tf
-
-
135
ps
Input High Voltage
V
IH
2
-
Vcc
V
Input Low Voltage
V
IL
0
-
0.8
V
Output HIGH Voltage (LOS) 1
V
OH
2
-
Vcc
V
Output LOW Voltage (LOS) 1
V
OL
0
-
0.8
V
1
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Time to Initialize (from power on)
t_init
-
-
300
ms
LOS Assert Time
t_los_on
-
-
10
ms
LOS Negate Time
t_los_off
-
-
10
ms
I2C Clock Rate
-
0
-
400
kHz
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply Voltage
V
CC
3.13
3.3
3.47
V
DC Common Mode Voltage
V
CM
0
-
3.6
V
Power Consumption
P
W
-
-
900
mW
Maximum Allowable
Power Supply Noise
0.02-1000kHz
-
-
-
66
mV
1000-10000kHz
-
-
99


Similar Part No. - TRPV3GELRI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GELRI000M2G OPLINK-TRPV3GELRI000M2G Datasheet
311Kb / 6P
   1310nm Video SFP Optical Transceiver
TRPV3GELRI000M2G OPLINK-TRPV3GELRI000M2G Datasheet
311Kb / 6P
   1310nm Video SFP Optical Transceiver
More results

Similar Description - TRPV3GELRI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GELRX000M2G OPLINK-TRPV3GELRX000M2G Datasheet
311Kb / 6P
   1310nm Video SFP Optical Transceiver
S0239-TRPV3GELRX000M2G OPLINK-S0239-TRPV3GELRX000M2G Datasheet
311Kb / 6P
   1310nm Video SFP Optical Transceiver
S0297-TPP4XGFLRXG OPLINK-S0297-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
TPP4XGFLRXG OPLINK-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L10DG SOURCE-FTM-311XC-L10DG Datasheet
275Kb / 13P
   10G 1310nm SFP Transceiver
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701SDDZ AVAGO-AFCT-701SDDZ Datasheet
268Kb / 20P
   10Gb/1Gb Ethernet, 1310nm SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
logo
Broadcom Corporation.
AFCT-701SDDZ BOARDCOM-AFCT-701SDDZ Datasheet
268Kb / 20P
   10Gb/1Gb Ethernet, 1310nm SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com