Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFP1XL4L2C000E1G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # CFP1XL4L2C000E1G
Description  40GBASE-LR4 CFP Transceiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CFP1XL4L2C000E1G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  CFP1XL4L2C000E1G Datasheet HTML 1Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
An Oplink Company
S0240. Rev.02. 2012-01-12
CONTACT 46335 Landing Pkwy Fremont CA 94538 TEL : +1 (510) 933-7200 FAX : +1 (510) 933-7300 EMAIL : Sales@Oplink.com www.OPLINK.com
Product Description
CFP1XL4L2C000E1G
Pb
The CFP1XL4L2C000E1G transceiver is a hot pluggable fiber optic transceiver
in the CFP form factor with digital diagnostics monitoring functionality (DDM).
Supporting 40GBase-LR4 Ethernet standard makes it ideally suited for 40GbE
applications where cost effective high port density is needed. The control and
status reporting functions are integrated into the design via a set of non-data
hardware signal pins and Management Date Input/Output (MDIO) interface per
the CFP Multi-Source Agreement (MSA) Management Interface Specification
draft 1.4.
The transceiver supports 40Gbps data rate over four wavelength division
multiplexed lanes. The four lanes are at 1271nm, 1291nm, 1311nm, and
1331nm wavelength respectively. Each lane transmits and receives data
streams at typical rate of 10.3125Gbps. It provides an excellent solution for
40Gbps data transmission over up to 10km single mode fiber. The low power
consumption and excellent EMI performance enable system design with high
port density. The product is designed and tested in accordance with industry
safety standards. The transceiver is Class I Laser product per U.S. FDA/CDRH and
international IEC-60825 standards.
The CFP1XL4L2C000E1G transceiver connects to standard 148-pin CFP
connectors for hot plug capability. This allows the system designer to make
configuration changes or maintenance by simply plugging in different
transceivers without removing the power supply from the host system. The
transmitter and receiver DATA interfaces are internally AC-coupled. LV-CMOS
Transmitter Disable control input and Loss of Signal (LOS) output interfaces are
also provided.
The transceiver can be conveniently assembled into and released from the host
system through the railing system specified in the CFP MSA.
The transceiver operates from a single +3.3V power supply over an operating
case temperature range of -5°C to +70°C. The housing is made of metal for EMI
immunity.
Four (4) CWDM Channels
Transmission distance up to 10km (SM fiber)
Compliant to CFP MSA
Compliant to 40GBase-LR4 specifications
Status reporting and Control functions through
the CFP management Interface
Power consumption <8W
RoHS 6/6 compliant
Laser Class 1 IEC/CDRH compliant
Features
Ordering Information
40GBASE-LR4 CFP Transceiver
Model Name
Operating Temperature
Norminal Wavelength
(nm)
Distance
CFP1XL4L2C000E1G
- 5°C to +70°C
Commercial
1271,1291,1311,1331
10km


Similar Part No. - CFP1XL4L2C000E1G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFP1XL4L2C000O3G OPLINK-CFP1XL4L2C000O3G Datasheet
143Kb / 1P
   Multirate 40GBASE-LR4 CFP Transceiver
More results

Similar Description - CFP1XL4L2C000E1G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
   40GBASE-LR4 CFP Transceiver
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
   Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
logo
Source Photonics, Inc.
CPC-44-MR-LR-CLFA SOURCE-CPC-44-MR-LR-CLFA Datasheet
381Kb / 6P
   Support 40GBASE-LR4 application
logo
OPLINK Communications I...
CP41C04L2C000XG OPLINK-CP41C04L2C000XG Datasheet
235Kb / 1P
   100G-LR4 CFP4 Transceiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com