Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TST12RR01T Datasheet(PDF) 7 Page - ITT Industries

Part # TST12RR01T
Description  CANNON TRIDENT SERIES
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12RR01T Datasheet(HTML) 7 Page - ITT Industries

Back Button TST12RR01T Datasheet HTML 3Page - ITT Industries TST12RR01T Datasheet HTML 4Page - ITT Industries TST12RR01T Datasheet HTML 5Page - ITT Industries TST12RR01T Datasheet HTML 6Page - ITT Industries TST12RR01T Datasheet HTML 7Page - ITT Industries TST12RR01T Datasheet HTML 8Page - ITT Industries TST12RR01T Datasheet HTML 9Page - ITT Industries TST12RR01T Datasheet HTML 10Page - ITT Industries TST12RR01T Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
These are low installed cost connectors
rated for up to 13 A and 240 V ac. They
are typically used for circuit board and
internal wiring applications. Snap Together
connectors facilitate easy assembly and
removal of equipment such as motors,
fans, transformers, etc. All Snap Together -
Rectangular connectors are RoHS
Compliant.
Applications:
Vehicle Dashboards.
Circuit board connections.
Internal connections.
Product Features
Easy cost effective installation.
Integrally molded latches and
connector polarization.
Recognized under the component
program of UL Inc.
Inter-connector discrimination facilities available.
Accepts formed (stamped) or
machined contacts, see page 64.
Operating Voltage1 Up to 250 V ac rms
Contact Current Rating2 Up to 13 A
Operating Temperature -55°C to +105°C (-67°F to +221°F) for free Plug and Receptacles
-40°C to +105°C (-40°F to +221°F) for PCB Mounted Receptacles
Insulation Resistance 5000MW min. at 500 V dc
Durability3 Up to 500 Mating Cylces
Connector Latching Force 150 N min. with latches engaged
Panel Retention Force 500 N min.
Flammability UL 94 V-O
1 Depends on contacts used, layout, and degree of pollution
2 Depends on number and type of contacts used
3 Depends on plating and type of contacts used
Performance Specifications
Materials and Finishes
Insulator
Black Nylon, UL 94 V-0
Snap Together - Rectangular
Cannon Trident Connectors
7
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - TST12RR01T

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TST12RA00 ITT-TST12RA00 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
TST12RB01T ITT-TST12RB01T Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
TST12RB01Z ITT-TST12RB01Z Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
TST12RB05T ITT-TST12RB05T Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
TST12RB05Y ITT-TST12RB05Y Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Similar Description - TST12RR01T

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com